Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC138L-R16-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC138L-R16-T
Description  3-TO-8 LINE DECODERS / DEMULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC138L-R16-T Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC138L-R16-T Datasheet HTML 1Page - Unisonic Technologies U74HC138L-R16-T Datasheet HTML 2Page - Unisonic Technologies U74HC138L-R16-T Datasheet HTML 3Page - Unisonic Technologies U74HC138L-R16-T Datasheet HTML 4Page - Unisonic Technologies U74HC138L-R16-T Datasheet HTML 5Page - Unisonic Technologies U74HC138L-R16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC138
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-614.E
3-TO-8 LINE DECODERS /
DEMULTIPLEXERS
DESCRIPTION
The U74HC138 decodes a three-bit Address to 1-of-8 active-low
outputs.
This device features three Chip Select inputs, two active-low
and one active-high, to facilitate the demultiplexing, cascading,
and chip-selecting functions.
The demultiplexing function is accomplished by using the
address inputs to select the desired device output. One of the Chip
Selects is used as a data input while the other Chip Selects are
held in their active states.
FEATURES
* Operate from 2.0V ~ 6.0V
* Low Input Current: 100nA Max
* Low Quiescent Current: 8μA Max
* Typ tPD=15ns
* Output Drive:4mA @ 5V
SOP-16
DIP-16
TSSOP-16
SSOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC138L-D16-T
U74HC138G-D16-T
DIP-16
Tube
U74HC138L-S16-T
U74HC138G-S16-T
SOP-16
Tube
U74HC138L-S16-R
U74HC138G-S16-R
SOP-16
Tape Reel
U74HC138L-R16-T
U74HC138G-R16-T
SSOP-16
Tube
U74HC138L-R16-R
U74HC138G-R16-R
SSOP-16
Tape Reel
U74HC138L-P16-T
U74HC138G-P16-T
TSSOP-16
Tube
U74HC138L-P16-R
U74HC138G-P16-R
TSSOP-16
Tape Reel


Similar Part No. - U74HC138L-R16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC138L-D16-T UTC-U74HC138L-D16-T Datasheet
226Kb / 6P
3-TO-8 LINE DECODERS DEMULTIPLEXERS
More results

Similar Description - U74HC138L-R16-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC138 TI-CD54AC138 Datasheet
39Kb / 7P
3-to-8-Line Decoders/Demultiplexers
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com