Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC164L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC164L-S14-R
Description  8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC164L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC164L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC164L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC164L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC164L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC164L-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC164
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-309.B
DYNAMIC CHARACTERISTICS (TA=25°С, GND=0V; tR=tF=6ns; CL=50Pf, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V
41
170
ns
VCC=4.5V
15
34
ns
Propagation Delay From CP to Qn
tPHL,tPLH
VCC=6.0V
12
29
ns
VCC=2.0V
39
140
ns
VCC=4.5V
14
28
ns
Propagation Delay From MR to Qn
tPHL
VCC=6.0V
11
24
ns
VCC=2.0V
19
75
ns
VCC=4.5V
7
15
ns
Output Transition Time
tTHL,tTLH
VCC=6.0V
6
13
ns
VCC=2.0V
80
14
ns
VCC=4.5V
16
5
ns
Clock Pulse Width
High or Low
VCC=6.0V
14
4
ns
VCC=2.0V
60
17
ns
VCC=4.5V
12
6
ns
Master Reset Pulse Width
Low
tW
VCC=6.0V
10
5
ns
VCC=2.0V
60
17
ns
VCC=4.5V
12
6
ns
Removal Time
MR
to CP
trem
VCC=6.0V
10
5
ns
VCC=2.0V
60
8
ns
VCC=4.5V
12
3
ns
Setup Time
DSA and DSB to CP
tSU
VCC=6.0V
10
2
ns
VCC=2.0V
+4
-6
ns
VCC=4.5V
+4
-2
ns
Hold Time
DSA and DSB to CP
th
VCC=6.0V
+4
-2
ns
VCC=2.0V
6
23
MHZ
VCC=4.5V
30
71
MHZ
Maximum clock pulse frequency
fMAX
VCC=6.0V
35
85
MHZ
OPERATING CHARACTERISTICS (Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
No load
40
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com