Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC240L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC240L-P20-R
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC240L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC240L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HC240L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HC240L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HC240L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HC240L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HC240L-P20-R Datasheet HTML 6Page - Unisonic Technologies U74HC240L-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74HC240
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-498.a
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(1)
MAX
UNIT
IOH = -20 μA, VCC = 2V
1.9
1.998
IOH = -20 μA, VCC = 4.5V
4.4
4.499
IOH = -20 μA, VCC = 6V
5.9
5.999
IOH = -6 mA, VCC = 4.5V
3.98
4.3
High-Level Output Voltage
VOH
IOH = -7.8 mA, VCC = 6V
5.48
5.8
V
IOL = 20 μA, VCC = 2V
0.002
0.1
IOL = 20 μA, VCC = 4.5V
0.001
0.1
IOL = 20 μA, VCC = 6V
0.001
0.1
IOL = 6 mA, VCC = 4.5V
0.17
0.26
Low-Level Output Voltage
VOL
IOL = 7.8 mA, VCC = 6V
0.15
0.26
V
Input Leakage Current
(A or OE inputs)
II(LEAK)
VIN = VCC or GND,
VCC = 6V
±0.1
±100
μA
High-impedance state Current
IOZ
VO = VCC or GND, VCC = 6V
VI(OE) = VIL or VIH
±0.01
±0.5
μA
Quiescent Supply Current
ICC
VIN = VCC or GND,
IOUT = 0, VCC = 6V
8
μA
Input Capacitance
CIN
VIN = VCC or GND,
VCC = 2V to 6V
3
10
pF
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=2V, CL=50pF, RL=1kΩ
50
100
VCC=4.5V, CL=50pF, RL=1kΩ
10
20
VCC=6V, CL=50pF, RL=1kΩ
9
17
ns
VCC=2V, CL=150pF, RL=1kΩ
75
150
VCC=4.5V, CL=150pF, RL=1kΩ
15
30
Propagation delay from input A to
output Y, tpd
tPLH / tPHL
VCC=6V, CL=150pF, RL=1kΩ
13
26
ns
VCC=2V, CL=50pF, RL=1kΩ
75
150
VCC=4.5V, CL=50pF, RL=1kΩ
15
30
VCC=6V, CL=50pF, RL=1kΩ
13
26
ns
VCC=2V, CL=150pF, RL=1kΩ
100
200
VCC=4.5V, CL=150pF, RL=1kΩ
20
40
Propagation delay from input OE
to output Y, ten
tPZH / tPZL
VCC=6V, CL=150pF, RL=1kΩ
17
34
ns
VCC=2V, CL=50pF, RL=1kΩ
44
150
VCC=4.5V, CL=50pF, RL=1kΩ
22
30
Propagation delay from input OE
to output Y, tdis
tPHZ / tPLZ
VCC=6V, CL=50pF, RL=1kΩ
21
26
ns
VCC=2V, CL=50pF, RL=1kΩ
28
60
VCC=4.5V, CL=50pF, RL=1kΩ
8
12
VCC=6V, CL=50pF, RL=1kΩ
6
10
ns
VCC=2V, CL=150pF, RL=1kΩ
45
210
VCC=4.5V, CL=150pF, RL=1kΩ
17
42
Propagation of rise or fall, tt
tr / tf
VCC=6V, CL=150pF, RL=1kΩ
13
36
ns
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power dissipation capacitance per buffer/driver
Cpd
No load
35
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com