Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3842B Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS3842B
Description  Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3842B Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS3842B Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: 0≤TA≤70˚C, VCC=15V (Note 1); RT=680Ω, CT=.022µF for triangular mode,
RT=10kΩ, CT=3.3nF for sawtooth mode (see Fig. 3), unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
s
Reference Section
Output Voltage
TJ=25˚C, IOUT=1mA
4.90
5.00
5.10
V
Line Regulation
12≤VIN≤25V
6
20
mV
Load Regulation
1≤IOUT≤20mA
6
25
mV
Temperature Stability
(Note 2)
0.2
0.4
mV/˚C
Total Output Variation
Line, Load, Temperature (Note 2)
4.82
5.18
V
Output Noise Voltage
10Hz≤f≤10kHz, TJ=25˚C (Note 2)
50
µV
Long Term Stability
TA=125˚C, 1kHrs. (Note 2)
5
25
mV
Output Short Circuit
TA=25˚C
-30
-100
-180
mA
s
Oscillator Section
Initial Accuracy
Sawtooth Mode (see Fig. 3), TJ=25˚C47
52
57
kHz
Triangular Mode (see Fig. 3), TJ=25˚C44
52
60
kHz
Voltage Stability
12≤VCC≤25V
0.2
1.0
%
Temp. Stability
Sawtooth Mode TMIN≤TA≤TMAX
(Note 2)
5
%
Triangular Mode TMIN≤TA≤TMAX
(Note 2)
8
%
Amplitude
Oscillator peak to peak
1.7
V
Discharge Current
TJ=25˚C
7.5
8.3
9.3
mA
TMIN≤TA≤TMAX
7.2
9.5
mA
s
Error Amp Section
Input Voltage
VCOMP=2.5V
2.42
2.50
2.58
V
Input Bias Current
-0.3
-2.0
µA
AVOL
2≤VOUT≤4V
65
90
dB
Unity Gain Bandwidth
(Note 2)
0.7
1.0
MHz
PSRR
12≤VCC≤25V
60
70
dB
Output Sink Current
VFB=2.7V, VOSC=1.1V
2
6
mA
Output Source Current
VFB=2.3V, VOSC=5V
-0.5
-0.8
mA
VOUT High
VFB=2.3V, RL=15kΩ to ground
5
6
V
VOUT Low
VFB=2.7V, RL=15kΩ to VREF
0.7
1.1
V
s
Current Sense Section
Gain
(Notes 3 & 4)
2.85
3.00
3.15
V/V
Maximum Input Signal
VCOMP=5V (Note 3)
0.9
1.0
1.1
V
PSRR
12≤VCC≤25V (Note 3)
70
dB
Input Bias Current
-2
-10
µA
Delay to Output
TJ=25˚C (Note 2)
150
300
ns
s
Output Section
Output Low Level
ISINK=20mA
0.1
0.4
V
ISINK=200mA
1.5
2.2
V
Output High Level
ISOURCE=20mA
13.0
13.5
V
ISOURCE=200mA
12.0
13.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com