Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC245L-R20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC245L-R20-R
Description  OCTAL BUS TRANSCEIV WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC245L-R20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC245L-R20-R Datasheet HTML 1Page - Unisonic Technologies U74HC245L-R20-R Datasheet HTML 2Page - Unisonic Technologies U74HC245L-R20-R Datasheet HTML 3Page - Unisonic Technologies U74HC245L-R20-R Datasheet HTML 4Page - Unisonic Technologies U74HC245L-R20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC245
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-639.C
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74HC245 is designed for the asynchronous
communication
between
data
buses.
While
the
direction-control(DIR) is high, data transmits from the A bus to
the B bus. Data transmits from the B bus to the A bus if DIR is
low. The output-enable( OE ) will isolate the device from the
buses when high voltage is applied on it.
FEATURES
* Operate from 2V to 6V
* Max tPD is 18ns at 6V
SOP-20
SSOP-20
TSSOP-20
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC245L-S20-R
U74HC245G-S20-R
SOP-20
Tape Reel
U74HC245L-S20-T
U74HC245G-S20-T
SOP-20
Tube
U74HC245L-R20-R
U74HC245G-R20-R
SSOP-20
Tape Reel
U74HC245L-R20-T
U74HC245G-R20-T
SSOP-20
Tube
U74HC245L-P20-R
U74HC245G-P20-R
TSSOP-20
Tape Reel
U74HC245L-P20-T
U74HC245G-P20-T
TSSOP-20
Tube


Similar Part No. - U74HC245L-R20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC245L-D20-T UTC-U74HC245L-D20-T Datasheet
238Kb / 5P
OCTAL BUS TRANSCEIVERS
More results

Similar Description - U74HC245L-R20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com