Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC244G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC244G-P20-R
Description  OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC244G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC244G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HC244G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HC244G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HC244G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HC244G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC244
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-196.C
OCTAL BUFFER AND LINE
DRIVER WITH 3-STATE OUTPUT
DESCRIPTION
The U74HC244 are octal buffer and line drivers with non-inverting
3-state outputs. When n
is High, the outputs nQ will be in the
OE
high impedance.
FEATURES
* Operation voltage range: 2~6V
* 3-state output
* Output Drive Capability: 15 LSTTL Loads
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC244L-D20-T
U74HC244G-D20-T
DIP-20
Tube
U74HC244L-S20-R
U74HC244G-S20-R
SOP-20
Tape Reel
U74HC244L-S20-T
U74HC244G-S20-T
SOP-20
Tube
U74HC244L-P20-R
U74HC244G-P20-R
TSSOP-20
Tape Reel
U74HC244L-P20-T
U74HC244G-P20-T
TSSOP-20
Tube


Similar Part No. - U74HC244G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC244L-D20-T UTC-U74HC244L-D20-T Datasheet
234Kb / 5P
OCTAL BUFFER
U74HC244 UTC-U74HC244_15 Datasheet
234Kb / 5P
OCTAL BUFFER
More results

Similar Description - U74HC244G-P20-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
Octal Buffer and Line Driver with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74AC240 HITACHI-HD74AC240 Datasheet
55Kb / 9P
Octal Buffer/Line Driver with 3-State Output
HD74AC241 HITACHI-HD74AC241 Datasheet
54Kb / 9P
Octal Buffer/Line Driver with 3-State Output
HD74AC244 HITACHI-HD74AC244 Datasheet
54Kb / 9P
Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC240 RENESAS-HD74AC240 Datasheet
124Kb / 9P
Octal Buffer/Line Driver with 3-State Output
HD74AC244 RENESAS-HD74AC244 Datasheet
123Kb / 9P
Octal Buffer/Line Driver with 3-State Output
logo
Texas Instruments
SN74HC244-EP TI1-SN74HC244-EP Datasheet
608Kb / 14P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-Q1 TI1-SN74HC244-Q1 Datasheet
278Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74ALS1240 TI1-SN74ALS1240 Datasheet
95Kb / 5P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com