Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC377L-S20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74HC377L-S20-R
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC377L-S20-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74HC377L-S20-R Datasheet HTML 1Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 2Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 3Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 4Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 5Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 6Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 7Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
U74HC377
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-A49.A
TIMING REQUIREMENTS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Clock frequency
fCLOCK
VCC=2.0V
5
MHz
VCC=4.5V
25
MHz
VCC=6.0V
29
MHz
Pulse duration
CLK high or low
tW
VCC=2.0V
100
ns
VCC=4.5V
20
ns
VCC=6.0V
17
ns
Setup time before
CLK↑
D
tSU
VCC=2.0V
100
ns
VCC=4.5V
20
ns
VCC=6.0V
17
ns
EN high or low
VCC=2.0V
100
ns
VCC=4.5V
20
ns
VCC=6.0V
17
ns
Hold time after CLK↑
EN
inactive or
active, data
tH
VCC=2.0V
5
ns
VCC=4.5V
5
ns
VCC=6.0V
5
ns
SWITCHING CHARACTERISTICS (tr= tf= 6ns, CL=50pF, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Minimum Frequency Response
fMAX
VCC=2.0V
5
11
ns
VCC=4.5V
25
54
ns
VCC=6.0V
29
64
ns
From CLK to Q
tPD
VCC=2.0V
56
160
ns
VCC=4.5V
15
32
ns
VCC=6.0V
12
27
ns
To Any
tt
VCC=2.0V
38
75
ns
VCC=4.5V
8
15
ns
VCC=6.0V
6
13
ns
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load.
30
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com