Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3720XM7 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS3720XM7
Description  2A H-Bridge Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3720XM7 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS3720XM7 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3720XM7 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3720XM7 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3720XM7 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
COIL +
Q1
COIL -
VSS
ENABLE1
ENABLE2
DIRECTION
Gnd
DRIVE
CONTROL
LOGIC
OUTPUT
DRIVER
Ð
OUTPUT
DRIVER
+
OUTPUT
DRIVER
+
Overvoltage
Protection
Transient
Protection
VREF
Over
Current
Protection
Q3
Q4
Q2
Over
Current
Protection
s
High Current (2A typ)
Output
s
TTL compatible
DIRECTION Control
s
Fault Protection
Overvoltage
Load Dump Protection to
74V
Package Options
7 Lead Power SIP
2A H-Bridge Driver
Description
Block Diagram
The CS3720 is high current (2A typ)
bidirectional DC motor driver. The
H-bridge output stage consists of
two pairs of power NPN transis-
tors, each with a VSAT=2.3V at
IOUT=2A (typ).
The three TTL compatible inputs,
ENABLE1, ENABLE2, and DIREC-
TION control the output stage.
When ENABLE1 is low and
ENABLE2 is high, DIRECTION
determines which way current
flows through the motor coil. Any
other combination of ENABLE set-
tings disables the outputs.
The CS3720 is protected against
overvoltage fault conditions. If a
fault condition is detected, the IC
shuts down.
CS3720
2
ENABLE1
4
DIRECTION
6
COIL+
8
Gnd
10 COILÐ
12 VSS
14 ENABLE2
Absolute Maximum Ratings
DC Input Voltage ..................................................................................-0.3 to 28V
Transient Input Voltage ...................................................................... -0.3 to 74V
Internal Power Dissipation......................................................Internally limited
Junction Temperature Range .....................................................-40¡C to +150¡C
Storage Temperature Range.......................................................-65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) ............10 sec. max, 260¡C peak
Reflow (SMD styles only) .............60 sec. max above 183¡C, 230¡C peak
Electrostatic Discharge (Human Body Model).............................................2kV
1
7 Lead TO-220
7 Lead D2PAK
1
1
ENABLE1
2
DIRECTION
3
COIL+
4
Gnd
5VSS
6
COILÐ
7
ENABLE2
Rev. 5/4/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS3720XM7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3720XM7 ONSEMI-CS3720XM7 Datasheet
70Kb / 4P
2A H-Bridge Driver
December, 2001 - Rev. 5
More results

Similar Description - CS3720XM7

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
2A, HALF-BRIDGE DRIVER
logo
IXYS Corporation
IX2R11 IXYS-IX2R11 Datasheet
616Kb / 6P
2A Half-Bridge Driver
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
H-bridge driver
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
H-bridge driver
logo
Freescale Semiconductor...
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
H-Bridge Driver
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
2A H-Bridge Driver
December, 2001 - Rev. 5
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
H BRIDGE DRIVER
logo
Monolithic Power System...
EV6515-F-00A MPS-EV6515-F-00A Datasheet
508Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com