Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3865C Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS3865C
Description  High Performance Dual Channel Current Mode Controller with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3865C Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS3865C Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 6Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 7Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: VCC = 15V, RT = 8.2kΩ, CT = 3.3nF, for typical values TA=25˚C, for min/max values TA is the operating
ambient temperature range that applies [Note 3].
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Total Power Supply and Zener Current .........................................................................................................................50mA
Output Current, Source or Sink (Note 1)...........................................................................................................................1.0A
Output Energy (capacitive load per cycle) .......................................................................................................................5.0µJ
Current Sense, Enable and Voltage ......................................................................................................................-0.3 to +5.5V
Feedback Inputs
High State (Voltage)..........................................................................................................................................5.5V
Low State (Reverse Current) ......................................................................................................................-5.0mA
Error Amp Output Sink Current......................................................................................................................................10mA
Storage Temperature Range ................................................................................................................................-65 to +150°C
Operating Junction Temperature...................................................................................................................................+150°C
Operating Ambient Temperature.............................................................................................................................0 to +70°C
Lead Temperature Soldering
Wave Solder (through hole styles only) .................................................................................10 sec. max, 260°C peak
Reflow (SMD styles only) ..................................................................................60 sec. max above 183°C, 230°C peak
s
Reference Section
Reference Output Voltage,
IOUT=1.0mA, TJ=25°C
4.9
5.0
5.1
V
VREF
Line Regulation
11V≤VCC≤15V
2.0
20.0
mV
Load Regulation
1.0mA≤IOUT≤10mA
3.0
25.0
mV
Total Output Variation over
4.85
5.15
V
Line, Load and Temperature
Output Short Circuit Current
30
100
mA
s
Oscillator and PWM Sections
Total Frequency Variation
11V≤VCC≤15V, Tlow≤TA≤Thigh
46.5
49.0
51.5
kHz
over Line and Temperature
Frequency Change with
11V≤VCC≤15V
0.2
1.0
%
Voltage
Duty Cycle at each Output
Maximum
46.0
49.5
52.0
%
Sync Input Current
High State VIN=2.4V
170
250
µA
Low State VIN=0.8V
80
160
s
Error Amplifiers
Voltage Feedback Input
VOUT=2.5V
2.42
2.50
2.58
V
Input Bias Current
VFB=5.0V
-0.1
-1.0
µA
Open-Loop Voltage Gain
VOUT=2.0 to 4.0V
65
100
dB
Unity Gain Bandwidth
TJ=25°C (note 6)
0.7
1.0
MHz
Power Supply Rejection Ratio VCC=11V to 15V
60
90
dB
Output Current
Source VOUT=3.0V, VFB=2.3V
-0.45
-1.00
mA
Sink VOUT=1.2V, VFB=2.7V
2.00
12.00
mA
Output Voltage Swing
High State, RL=15k to ground,
VFB=2.3V
5.0
6.2
V
Low State, RL=15k to VREF,
VFB = 2.7V
0.8
1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com