Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC574L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC574L-P20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC574L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC574L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HC574L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HC574L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HC574L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HC574L-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC574
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-268.B
SWITCHING CHARACTERISTICS (See TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V, CL=50pF
90
180
VCC=4.5V, CL=50pF
28
36
VCC=6.0V, CL=50pF
24
31
VCC=2.0V, CL=150pF
105
265
VCC=4.5V, CL=150pF
36
53
From CLK to Q
tPLH/tPHL
VCC=6.0V, CL=150pF
31
46
ns
VCC=2.0V, CL=50pF
77
150
VCC=4.5V, CL=50pF
26
30
VCC=6.0V, CL=50pF
23
26
VCC=2.0V, CL=150pF
95
235
VCC=4.5V, CL=150pF
32
47
From OE to Q
tPZL/tPZH
VCC=6.0V, CL=150pF
28
41
ns
VCC=2.0V, CL=50pF
52
150
VCC=4.5V, CL=50pF
24
30
From OE to Q
tPLZ/tPHZ
VCC=6.0V, CL=50pF
22
26
ns
VCC=2.0V, CL=50pF
6
11
VCC=4.5V, CL=50pF
30
36
VCC=6.0V, CL=50pF
36
40
VCC=2.0V, CL=150pF
6
VCC=4.5V, CL=150pF
30
Maximum Clock Frequency
fMAX
VCC=6.0V, CL=150pF
36
MHz
VCC=2.0V
6
VCC=4.5V
30
Clock Frequency
fCLOCK
VCC=6.0V
38
MHz
VCC=2.0V
80
VCC=4.5V
16
Pulse Width
tW
VCC=6.0V
14
ns
VCC=2.0V
100
VCC=4.5V
20
Setup Time
tSU
VCC=6.0V
17
ns
VCC=2.0V
5
VCC=4.5V
5
Hold Time
tH
VCC=6.0V
5
ns
OPERATING CHARACTERISTICS(Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
No Load
100
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com