Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4046AL-S16-R Datasheet(PDF) 17 Page - Unisonic Technologies

Part # U74HC4046AL-S16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AL-S16-R Datasheet(HTML) 17 Page - Unisonic Technologies

Back Button U74HC4046AL-S16-R Datasheet HTML 11Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 12Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 13Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 14Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 15Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 16Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 17Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 18Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 19Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
17 of 19
www.unisonic.com.tw
QW-R502-461.C
APPLICATION INFORMATION(Cont.)
PLL Frequency Capture Range
(Phase comparator: PC1, PC2 or PC3)
Loop filter component selection
ω
τ
)
(
F ω
j
τ
A small capture range (2fC) is obtained if
τ
π
π
/
f
2
1
f
2
L
C
Fig.13 Simple loop filter for PLL without offset; R3 ≥ 500 Ω.
R3
C2
INPUT
OUTPUT
ω
(a)
R4
1/ 3
τ
1/ 2
τ
m
)
(
F ω
j
(b) Amplitude Characteristic
(c) Pole-Zero Diagram
τ1 = R3 × C2
τ2 = R4 × C2
τ 3 = (R3 + 4)× C2
τ
-1/ 2
τ
-1/ 3
R4
R3
R4
m
+
=
Fig.14 Simple loop filter for PLL with offset; R3 + R4 ≥ 500 Ω.
Subject
Phase comparator Design considerations
PLL Locks on Harmonics at Centre Frequency
PC1 or PC3
Yes
PC2
No
Noise Rejection at Signal Input
PC1
High
PC2 or PC3
Low
AC Ripple Content when PLL is Locked
PC1
fr = 2fi, large ripple content at φDEMOUT = 90°
PC2
fr = fi, small ripple content at φDEMOUT = 0°
PC3
fr = fi, large ripple content at φDEMOUT = 180°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com