Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3972 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS3972
Description  1.25A High Efficiency Switching Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3972 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS3972 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3972 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3972 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3972 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3972 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3972 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Typical Performance Characteristics
1.274
1.264
1.254
1.244
1.234
1.224
1.214
-50
-25
-0
25
50
75
100
125
150
Temperature (°C)
Reference Voltage vs. Temperature
47
45
43
41
39
37
33
-50
-25
-0
25
50
75
100
125
150
Temperature (°C)
35
Switching Frequency vs. Temperature
100
90
80
70
60
50
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Switch Current (A)
10
40
30
20
1.8
2.0
Driver Current vs. Switch Current
97
96
95
93
92
91
90
-50
-25
-0
25
50
75
100
125
150
Junction Temperature (°C)
Maximum Duty Cycle
1.6
1.4
1.2
1.0
0.8
0.6
0
0
0.50
1.00
1.25
1.75
Switch Current (A)
0.4
0.2
2.0
0.25
0.75
1.50
Tj=25°C
Switch Saturation Voltage
16L
5L
8L
SO Wide
TO-220
PDIP
16
3
1
Gnd
Logic and power ground on TO-220. Logic ground only on 8L
PDIP.
21
2
VC
Control voltage can be used for frequency compensation, cur-
rent limit threshold, frequency synchronization, and soft start.
32
3
VFB
Feedback voltage is the negative input to the error amplifier.
1,4,5,6,7,8,
4
NC
No connection.
10,12,15
95
5
VIN
Supply input voltage with a range of 3V to 60V.
11
6
E1
Emitter One is a power ground which should always be con-
nected to logic ground since it is used as the negative input to
the current sense amp.
13
4
7
VSW
Collector of internal 75V NPN power switch.
14
8
E2
Emitter Two is a power ground which can be left disconnected
to reduce the switch rating to 625mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com