Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4046AG-P16-R Datasheet(PDF) 18 Page - Unisonic Technologies

Part # U74HC4046AG-P16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AG-P16-R Datasheet(HTML) 18 Page - Unisonic Technologies

Back Button U74HC4046AG-P16-R Datasheet HTML 11Page - Unisonic Technologies U74HC4046AG-P16-R Datasheet HTML 12Page - Unisonic Technologies U74HC4046AG-P16-R Datasheet HTML 13Page - Unisonic Technologies U74HC4046AG-P16-R Datasheet HTML 14Page - Unisonic Technologies U74HC4046AG-P16-R Datasheet HTML 15Page - Unisonic Technologies U74HC4046AG-P16-R Datasheet HTML 16Page - Unisonic Technologies U74HC4046AG-P16-R Datasheet HTML 17Page - Unisonic Technologies U74HC4046AG-P16-R Datasheet HTML 18Page - Unisonic Technologies U74HC4046AG-P16-R Datasheet HTML 19Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
18 of 19
www.unisonic.com.tw
QW-R502-461.C
PLL DESIGN EXAMPLE
Fig.15 Frequency Synthesizer.
The parameters of the frequency synthesizer in Fig.15:
Output frequency: 2 MHz to 3 MHz
Frequency steps: 100kHz
Settling time: 1ms
Overshoot: < 20%
The Open-Loop Gain is:
n
o
f
p
K
K
K
K
s
G
s
H
×
×
×
=
×
)
(
)
(
Where: Kp = phase comparator gain
Kf = low-pass filter transfer gain
Ko = Kv/s VCO gain
Kn = 1/n divider ratio
The programmable counter ratio Kn can be found as follows:
20
100kHz
2MHz
f
f
N
step
out
Min
=
=
=
0
3
100kHz
3MHz
f
f
N
step
out
Max
=
=
=
The VCO is set by the values of R1, R2 and C1, R2 = 10 kΩ (adjustable). The values can be determined using the
information in the section “DESIGN CONSIDERATIONS”.
With fo = 2.5MHz and fL =500 kHz this gives the following values (VCC = 5.0 V):
R1 = 10 kΩ; R2 = 10 kΩ; C1 = 500 pF
The VCO gain is:
/ V
s
/
r
10
2
2
3.2
1MHz
0.9)
(V
0.9
2
2f
K
6
CC
L
V
×
≈
×
=
−
−
×
×
=
π
π
The gain of the phase comparator is:
s
0.4V /
4
V
K
CC
p
=
=
π
The transfer gain of the filter is given by:
S
)
(
1
S
1
K
2
1
2
f
τ
τ
τ
+
+
+
=
Where:
R3C2
1 =
τ
and
R4C2
2 =
τ
The characteristics equation is:
1 + H(S) × G(S) = 0
This results in:
0
)
(
K
K
K
S
)
(
1
S
2
1
n
v
p
2
1
2
2
=
+
×
×
+
+
×
×
×
+
+
τ
τ
τ
τ
τ
n
v
p
K
K
K
The natural frequency ωn is defined as follows:
)
(
2
1
τ
τ
ω
+
×
×
=
n
v
p
n
K
K
K
Damping Value ζ is Defined as follows:
)
(
1
2
1
2
1
2
τ
τ
τ
ω
ζ
+
×
×
×
+
×
=
n
v
p
n
K
K
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com