Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCP0703-1R0-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HCP0703-1R0-R
Description  High Current, Pressed, Power Inductors HCP0703 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HCP0703-1R0-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HCP0703-1R0-R Datasheet HTML 1Page - List of Unclassifed Manufacturers HCP0703-1R0-R Datasheet HTML 2Page - List of Unclassifed Manufacturers HCP0703-1R0-R Datasheet HTML 3Page - List of Unclassifed Manufacturers HCP0703-1R0-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
2
7.3 Max.
7.0 Max.
3.0 Max.
2.4±0.3
1.27±0.3
4.5
1.68
3.40
4.00
Top View
Front View
Bottom View
Left View
Recommended Pad Layout
Schematic
1
2
Dimensions - mm
Part Marking: HCP0703
xxx = Inductance value in
μH. (R = Decimal point). If no “R” is present, then last character is # of zeros
yyww = Date code
Supplied in tape-and-reel packaging, 1500 parts per reel, 13” diameter reel.
Packaging Information - mm
Core Loss
0210
BU-SB10141
Page 2 of 4
Data Sheet: 4352
2.0
1.5 dia +0.1/-0.0
Section A-A
7.5
1.5 dia min
A
A
4.0
16.0
12.0
3.2mm
7.7mm
7.3mm
User direction of feed
1
2
Core Loss vs. B
1
10
100
1000
10000
0
0
0
0
1
0
0
0
1
0
0
1
0
1
B(Guass)
p-p
p-p
1000kHz
700kHz
500kHz
300kHz
100kHz
HCM0703
Recommended
for
New
Designs
See
Data
Sheet
4085



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com