Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6442-R18-Z Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 6442-R18-Z
Description  KK짰 3.96mm Crimp Terminal Housing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

6442-R18-Z Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  6442-R18-Z Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/09/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
26-03-4181
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 3.96mm Crimp Terminal Housing, Use With Trifurcon® Terminals, Friction Ramp,
18 Circuits
Documents:
3D Model
Product Specification PS-40-02 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Crimp Housings
Series
6442
Application
Power, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800753587113
Physical
Circuits (maximum)
18
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
4.752/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Stackable
No
Temperature Range - Operating
See Product Specification
Material Info
Old Part Number
6442-R18-Z
Reference - Drawing Numbers
Product Specification
PS-40-02
Sales Drawing
SD-6442
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
6442Series
Mates With
Molex 3.96mm pitch KK® headers
Use With
6838 , 7258 , KK® Trifurcon crimp
terminals, 45570 MarKK terminal
This document was generated on 12/09/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 6442-R18-Z

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
6442-R18-Z MOLEX3-6442-R18-Z Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
More results

Similar Description - 6442-R18-Z

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026034111 MOLEX3-0026034111 Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
0026033101 MOLEX3-0026033101 Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
0026033031 MOLEX3-0026033031 Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
09-92-0900 MOLEX11-09-92-0900 Datasheet
144Kb / 1P
3.96mm Pitch KK짰 Crimp Terminal Housing, 9 Circuits
26-03-4191 MOLEX11-26-03-4191 Datasheet
76Kb / 1P
KK짰 3.96mm Crimp Terminal Housing
26-03-4201 MOLEX11-26-03-4201 Datasheet
76Kb / 1P
KK짰 3.96mm Crimp Terminal Housing
26-03-4211 MOLEX11-26-03-4211 Datasheet
76Kb / 1P
KK짰 3.96mm Crimp Terminal Housing
26-03-4221 MOLEX11-26-03-4221 Datasheet
76Kb / 1P
KK짰 3.96mm Crimp Terminal Housing,
26-03-4231 MOLEX11-26-03-4231 Datasheet
76Kb / 1P
KK짰 3.96mm Crimp Terminal Housing
26-03-4241 MOLEX11-26-03-4241 Datasheet
76Kb / 1P
KK짰 3.96mm Crimp Terminal Housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com