Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4101 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS4101
Description  Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS4101 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS4101 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS4101 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS4101 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS4101 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS4101 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS4101 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS4101 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS4101 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Speedometer/Odometer or Tachometer Application
10
1 CP+
2
3
4
5
6
7
8
SQOUT
FREQIN
Gnd
Gnd
SIN+
COS+
NC
20
19
18
17
16
15
14
13
CP-
F/VOUT
VREG
NC
Gnd
Gnd
NC
BIAS
CT
R3
C3
C1
D2
R1
D1
+
C4
RT
COSINE
SINE
Air Core
Gauge
200
W
Speedometer
Battery
Speedo
Input
C2
R2
R4
CP+
9 COS-
VCC
12
11
SINE-
FGEN
CT
R3
C3
C1
D2
R1
D1
+
C4
RT
COSINE
SINE
Air Core
Gauge
200
W
Speedometer
Battery
Speedo
Input
R2
R4
1
CS8441
C2
Air Core
Stepper Motor
200
W
Odometer
10
1 CP+
2
3
4
5
6
7
8
SQOUT
FREQIN
Gnd
Gnd
SIN+
COS+
NC
20
19
18
17
16
15
14
13
CP-
F/VOUT
VREG
NC
Gnd
Gnd
NC
BIAS
CP+
9 COS-
VCC
12
11
SINE-
FGEN
R1 - 3.9, 500mW
R2 - 10k½
R3 - 3k½
R4 - 1k½
RT - Trim Resistor +/- 20 PPM/DEG. C
C1 - 0.1µF
C2 - 1. Stand alone Speedo or Tach "0" µF
2. Stand alone Speedo or Tach with return to Zero, 2000µF
3. With CS-8441 application, 10µF
C3 - 0.1µF
C4 - 0.47µF
CT - 0.0033µF, +/- 30 PPM/¡C
D1 - 1A, 600 PIV
D2 - 50V, 500mW Zener
Note 1: For 58% Speed Input
TMAX ² 5/fMAX where
TMAX = CT(R3+R4)
fMAX = maximum speed input frequency
Note 1: The product of CT and RT have a direct effect on
gain and therefore directly effect temperature
compensation
Note 2: C4 Range; 20pF to .2µF
Note 3: R4 Range; 100k½ to 500k½
Note 4: The IC must be protected from transients above
60V and reverse battery conditions
Note 5: Additional filtering on the FREQIN lead may be
required
Figure 6
Figure 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com