Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4101EN20 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS4101EN20
Description  Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS4101EN20 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS4101EN20 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS4101EN20 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS4101EN20 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS4101EN20 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS4101EN20 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS4101EN20 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS4101EN20 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS4101EN20 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Characteristics continued
Nominal Angle vs. Ideal Angle (After calibrating at 180¡)
+7V
Ð7V
(VCOS+) - (VCOS-)
7V
Angle
-7V
Q
(VSINE+) - (VSINE-)
]
VSIN+ Ð VSIN-
VCOS+ Ð VCOS-
Q = ARCTAN
[
-1.50
0
45
90
135
180
225
270
315
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
Theoretical Angle (
°)
Figure 4: Nominal Output Deviation
Figure 3: Output Angle in Polar Form
Nominal Angle (Degrees)
0
5
10
15
20
25
30
35
40
45
1
5
9
13
17
21
25
29
33
37
41
45
Ideal Degrees
Nominal Degrees
00
1
1.09
2
2.19
3
3.29
4
4.38
5
5.47
6
6.56
7
7.64
8
8.72
9
9.78
10
10.84
11
11.90
12
12.94
13
13.97
14
14.99
15
16.00
16
17.00
17
17.98
18
18.96
19
19.92
20
20.86
21
21.79
22
22.71
23
23.61
24
24.50
25
25.37
26
26.23
27
27.07
28
27.79
29
28.73
30
29.56
31
30.39
32
31.24
33
32.12
34
33.04
35
34.00
36
35.00
37
36.04
38
37.11
39
38.21
40
39.32
41
40.45
42
41.59
43
42.73
44
43.88
45
45.00
50
50.68
55
56.00
60
60.44
65
64.63
70
69.14
75
74.00
80
79.16
85
84.53
90
90.00
95
95.47
100
100.84
105
106.00
110
110.86
115
115.37
120
119.56
125
124.00
130
129.32
135
135.00
140
140.68
145
146.00
150
150.44
155
154.63
160
159.14
165
164.00
170
169.16
175
174.33
180
180.00
185
185.47
190
190.84
195
196.00
200
200.86
205
205.37
210
209.56
215
214.00
220
219.32
225
225.00
230
230.58
235
236.00
240
240.44
245
244.63
250
249.14
255
254.00
260
259.16
265
264.53
270
270.00
275
275.47
280
280.84
285
286.00
290
290.86
295
295.37
300
299.21
305
303.02
Ideal
Q
Nominal
Ideal
Q
Nominal
Ideal
Q
Nominal
Ideal
Q
Nominal
Ideal
Q
Nominal
Ideal
Q
Nominal
Degrees
Q Degrees
Degrees
Q Degrees
Degrees
Q Degrees
Degrees
Q Degrees
Degrees
Q Degrees
Degrees
Q Degrees
Table 1:
Function Generator Output Nominal Angle vs. Ideal Angle (After calibrating at 270¡)
Note:
Temperature, voltage and nonlinearity not included.
Note:
Temperature, voltage and nonlinearity not included.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com