Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT20L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT20L-P14-R
Description  DUAL 4-INPUT NAND GATES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT20L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT20L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HCT20L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HCT20L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HCT20L-P14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT20
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-657.A
DUAL 4-INPUT NAND GATES
DESCRIPTION
The U74HCT20 contains two independent 4-input NAND gates.
They perform the Boolean function Y=A B C D
•• • or
Y=A BC D
++ +
in positive logic.
FEATURES
* Operation Voltage Range: 4.5V~5.5V
* Low Quiescent Current:
ICC=2μA(Max)
* High Speed:
tPD=16ns @ 4.5V(Typ)
* Low Input Current:
100nA Max
* Inputs are TTL Voltage Compatiabel
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HCT20L-P14-T
U74HCT20G-P14-T
TSSOP-14
Tube
U74HCT20L-P14-R
U74HCT20G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74HCT20L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT20L-P14-R UTC-U74HCT20L-P14-R Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
More results

Similar Description - U74HCT20L-P14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS20 NSC-54LS20 Datasheet
124Kb / 6P
Dual 4-Input NAND Gates
logo
Hitachi Semiconductor
HD74HC20 HITACHI-HD74HC20 Datasheet
45Kb / 8P
Dual 4-input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_11 Datasheet
127Kb / 8P
Dual 4-Input NAND Gates
June, 2011 ??Rev. 9
logo
Texas Instruments
54LS20J TI1-54LS20J Datasheet
336Kb / 8P
Dual 4-Input NAND Gates
logo
Unisonic Technologies
U74HC20 UTC-U74HC20 Datasheet
172Kb / 5P
DUAL 4-INPUT NAND GATES
U74HC20 UTC-U74HC20_15 Datasheet
191Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC2G125 UTC-U74AHC2G125_15 Datasheet
160Kb / 4P
DUAL 4-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_14 Datasheet
105Kb / 7P
Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com