Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT541L-P20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HCT541L-P20-R
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT541L-P20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HCT541L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HCT541L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HCT541L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HCT541L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HCT541L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HCT541L-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74HCT541
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-888.A
SWITCHING CHARACTERISTICS(TA=25°С,CL=150pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From A to Y
tPLH/tPHL
VCC=4.5V
20
33
ns
VCC=5.5V
19
30
From OE to Y
tPZL/tPZH
VCC=4.5V
26
40
ns
VCC=5.5V
25
36
Y
tt
VCC=4.5V
17
42
ns
VCC=5.5V
14
38
OPERATING CHARACTERISTICS(TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Per buffer/driver
CPD
No Load
35
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com