Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT7046L-S16-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # U74HCT7046L-S16-R
Description  PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT7046L-S16-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button U74HCT7046L-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 9Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 10Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 11Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 12Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 13Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
U74HCT7046
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 16
www.unisonic.com.tw
QW-R502-851.A
PHASE COMPARATORS (Cont.)
Phase comparator 2 (PC2)
This is a positive edge-triggered phase and frequency detector. If the PLL is using the comparator, the loop is
controlled by positive signal transitions and the duty factors of SIGIN and COMPIN are not important. PC2 is
comprised of two D-type flip-flops, control-gating and a 3-state output stage. The circuit function is as an up-down
counter (Logic Diagram) for SIGIN causes an up-count and COMPIN causes a down-count.
The transfer function of PC2, assuming ripple (fr = fi) is suppressed, is
)
(
4
V
V
COMPIN
SIGIN
DEMOUT
CC
φ
φ
π
−
=
where VDEMOUT is the demodulator output at pin 10; VDEMOUT = VPC2OUT (via low-pass filter).
The phase comparator gain is:
)
r
V /
(
4
V
K
CC
P
π
=
As shown in Fig.3, VDEMOUT is the resultant of the initial phase differences of SIGIN and COMPIN. Typical
waveforms for the PC2 loop locked at fo are shown in Fig.4.
π
4
Fig.3 Phase comparator 2: average output voltage versus input phase difference.
Fig.4 Typical waveforms for PLL using phase comparator 2, loop locked at fo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com