Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LV4052G-P16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LV4052G-P16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEX ERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV4052G-P16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LV4052G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
U74LV4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-A59.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage range
VCC
-0.5 ~ +7.0
V
Input voltage range
VIN
-0.5 ~ +7.0
V
Switch I/O voltage range
VIO
-0.5~Vcc+0.5
V
Input clamp current
IIK
-20
mA
I/O diode Current
IIOK
-50
mA
Switch through current
IT
±25
mA
Continuous current through VCC or GND
ICC
±50
mA
Storage temperature range
TSTG
-65 ~ +150
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.5
V
Control Input Voltage
VIN
0
5.5
V
Input/output Voltage
VIO
0
VCC
V
Input Transition Rise or Fall rate
△
t/△v
VCC=2.3V to 2.7V
200
ns/V
VCC=3V to 3.6V
100
VCC=4.5V to 5.5V
20
Operating free-air temperature
TA
-40
+85
°C
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
THERMAL
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
73
°C/W
TSSOP-16
108
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com