Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS464 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS464
Description  Single Coil Predriver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS464 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS464 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS464 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS464 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS464 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics: -30¡C ² TA ² 125¡C; -30¡C < TJ < 125¡C; All Parameters after VCC Power-up > 100ms;
VBAT = 14V unless otherwise specified.
16 Lead SO Wide
Flip Chip
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
s
Input, Current, Delay
Positive Threshold
VBAT = 6V
56.2
66
56.2
66
% of VBAT
VBAT = 16V
56.2
66
56.2
66
% of VBAT
Hysteresis
VBAT = 6V
8
20.2
9
20.2
% of VBAT
VBAT = 16V
8
20.2
9
20.2
% of VBAT
ICC
VBAT = 6V
1
2.75
4.5
1
2.75
4.5
mA
VBAT = 16V
5
12
19
5
12
19
mA
Input Impedance
@10µA
70
170
400
k½
@0.1mA
70
170
400
k½
IC Process Delay
15
15
µs
s
Output
Output Current
VBAT = 6V, 2.1V output load
40
52.5
65
40
52.5
65
mA
Output SOA Current
VBAT = 22V (Note 1)
40
52.5
65
40
52.5
65
mA
Output Leakage Current
VBAT = 25V (Note 1)
0
100
0
100
µA
Output Clamp Voltage
@ 10mA
13.7
15.35
17
13.7
15.35
17
V
Output Clamp Impedance
@ 10mA
10
42.5
80
10
42.5
80
½
s
Regulation Voltage
VS Regulation Voltage
VBAT = 7.8V
165
200
235
165
200
235
mV
VS Supply Rejection
VBAT = 6V ~ 22V (Note 1)
0
0
14
0
0
14
%
VBAT = 7.8V ~ 22V (Note 1)
0
0
13
0
0
13
%
s
Stall & Protection
Stall Shutdown VS
VBAT = 6V
-5
0
5
-1
0
1
mV
Stall Shutdown Frequency
VBAT = 14V
.4
.4
Hz
VBAT = 5.5V
1.4
1.47
1.4
1.47
Hz
Stall Shutdown Time
VBAT = 6V
19
28
37
19
28
37
ms
Stall to Spark Output Delay
4.6
6.7
9.5
4.6
6.7
9.5
ms
I/O Signal Relationship
@ 80% Input
79.0
80.5
82.0
79.0
80.0
81.0
%
@ 50% Input
49.0
50.5
52.0
49.0
50.0
51.0
%
@ 30% Input
29.0
30.5
32.0
29.0
30.0
31.0
%
Battery Interrupt Time
25
750
25
750
ms
Battery Interrupt Recovery Time @ 200Hz
800
800
ms
High Voltage Shutdown
25
28
32
25
28
31
V
High Frequency Cut off
1
2.5
5
1
2.5
5
kHz
Negative Threshold
VBAT = 6V
28
36
30
36
% of VBAT
VBAT = 16V
28
36
30
36
% of VBAT
Note 1: Voltage extremes are for testing purposes only. Part in continuous operation should conform to absolute max
table.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com