Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51033 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS51033
Description  Fast PFET Buck Controller Does Not Require Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51033 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS51033 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Block Diagram
G5
COSC
CS
VCC
VC
VGATE
PGnd
VFB
Gnd
R
S
2.5V
1.5V
1.25V
1.15V
Q
F2
G2
G1
A1
A6
RG
VCC
A3
2.4V
G3
A2
2.5V
1.5V
IC
7IC
VCC
+
-
IT
+
Q
IT
5
IT
55
G4
Fault
Comp
+
-
+
-
A4
0.7V
2.3V
Q
R
Q
S
F1
Slow Discharge
Comparator
Slow Discharge
Flip-Flop
CS Charge
Sense
Comparator
CS
Comparator
Oscillator
Comparator
VFB
Comparator
VGATE
Flip-Flop
Hold
Off
Comp
Control Scheme
The CS51033 monitors the output voltage to determine
when to turn on the PFET. If VFB falls below the internal ref-
erence voltage of 1.25V during the oscillator’s charge cycle,
the PFET is turned on and remains on for the duration of the
charge time. The PFET gets turned off and remains off dur-
ing the oscillator’s discharge cycle time with the maximum
duty cycle to 80%. It requires 7mV typical, and 20mV maxi-
mum ripple on the VFB pin is required to operate. This
method of control does not require any loop stability com-
pensation.
Startup
The CS51033 has an externally programmable soft start fea-
ture that allows the output voltage to come up slowly, pre-
venting voltage overshoot on the output.
At startup, the voltage on all pins is zero. As VCC rises, the
VC voltage along with the internal resistor RG keeps the
PFET off. As VCC and VC continue to rise, the oscillator
capacitor (COSC ) and the Soft start/Fault Timing capacitor
(CS) charges via internal current sources. COSC gets charged
by the current source IC and CS gets charged by the IT
source combination described by:
ICS = IT -
( + )
The internal Holdoff Comparator ensures that the external
PFET is off until VCS > 0.7V preventing the GATE flip-flop
(F2) from being set. This allows the oscillator to reach its
operating frequency before enabling the drive output. Soft
start is obtained by clamping the VFB comparator’s (A6) ref-
erence input to approximately 1/2 of the voltage at the CS
pin during startup, permitting the control loop and the out-
put voltage to slowly increase. Once the CS pin charges
above the Holdoff Comparator trip point of 0.7V, the low
IT
5
IT
55
Theory of Operation
Circuit Description
Figure 1: Block Diagram for CS51033



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com