Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M34
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M34 Datasheet(HTML) 2 Page - Vishay Siliconix

  M34 Datasheet HTML 1Page - Vishay Siliconix M34 Datasheet HTML 2Page - Vishay Siliconix M34 Datasheet HTML 3Page - Vishay Siliconix M34 Datasheet HTML 4Page - Vishay Siliconix M34 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M34
www.vishay.com
Vishay
Revision: 28-Jul-11
2
Document Number: 40106
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING
Due to the size and weight of these capacitors, we recommend that a supplemental mounting restraint to be used in printed
circuit board attachment in addition to the reflowed solder.
One recommendation is to use an adhesive such as defined in the J-STD-001DS.
This is the Space Application Electronic Hardware Addendum to J-STD-001 (Requirements for Solder Electrical and Electronic
Assemblies).
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
W
H
P (MIN.)
TW
TH (MIN.)
C
0.835
[21.2]
0.315 ± 0.012
[8 ± 0.3]
0.295 ± 0.012
[7.5 ± 0.3]
0.118
[3.0]
0.236 ± 0.012
[6.0 ± 0.3]
0.075
[1.9]
RECOMMENDED REFLOW PROFILES
Tp
Lead (Pb)-free
Tp
Sn/Pb
tp
TL
Lead (Pb)-free
TL
Sn/Pb
Ts MIN.
Lead (Pb)-free
Ts MIN.
Sn/Pb
Ts MAX.
Lead (Pb)-free
Ts MAX.
Sn/Pb
ts
Lead (Pb)-free
ts
Sn/Pb
tL
245 °C
220 °C
10
217 °C
183 °C
150 °C
100 °C
200 °C
150 °C
60 to 150
60 to 90 60
L
WP
25 °C
TIME (s)
ALL CASE CODES
T
p °C
T
L °C
T
s MAX. °C
T
s MIN. °C
t
p
(t
L
)
PREHEAT (t
s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com