Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5106LSWR24 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5106LSWR24
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106LSWR24 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5106LSWR24 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5106LSWR24 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5106LSWR24 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5106LSWR24 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106LSWR24 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106LSWR24 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106LSWR24 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106LSWR24 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106LSWR24 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5
Electrical Characteristics: TJ = -40¡C to 125¡C, VSS = 9 to 16V, V5REF ILOAD = 2mA, SYNCOUT Free Running, unless other-
wise specified. For All Specs: UVSD=6V, OVSD = 0V, ENABLE = 0V, ILIM(1,2) = 0,VFB(1,2) = 3V,RFADJ = RDLYSET = 27.4k½.
s Current Limit Circuits
ILIM1 Current Limit Threshold
Adjust ILIM1 from 1.0V - 1.3V until
1.16
1.24
1.30
V
Voltage
GATE1 goes low.
ILIM1 Short Circuit Threshold
Adjust ILIM1 from 1.30V - 1.50V until
1.35
1.44
1.51
V
Voltage
GATE1 skips 2-cycles with reference
to SYNCOUT.
ILIM1 Input Bias Current
Set ILIM1=0V. Measure current
0.50
5.00
µA
out of ILIM1 lead.
ILIM2 Current Limit
Adjust ILIM2 from 1.0V - 1.3V until
1.16
1.24
1.30
V
Threshold V
GATE2 goes low.
ILIM2 Short Circuit
Adjust ILIM2 from 1.30V - 1.50V until
1.35
1.44
1.51
V
Threshold Voltage
GATE2 skips 2-cycles with reference
to SYNCOUT.
ILIM2 Input Bias Current
Set ILIM 2= 0V. Measure current out
0.50
5.00
µA
of ILIM2 lead.
s Voltage Feedback Control
RAMP1 Offset Voltage
VFB1=0V. Adjust RAMP1 from 0V - 0.3V
0.08
0.13
0.20
V
until GATE1 goes low. Measure VRAMP1.
RAMP1 Input Bias Current
Set RAMP1 = 0V. Measure Current
0.50
5.00
µA
out of RAMP1 lead.
RAMP2 Offset Voltage
VFB2 = 0V. Adjust RAMP2 from
0.08
0.13
0.20
V
0V-3V until GATE2 goes low.
Measure VRAMP2.
RAMP2 Input Bias Current
Set RAMP2 = 0V. Measure Current
out of RAMP2 lead.
0.50
5.00
µA
VFB1 Input Impedance
Measure input impedance.
60.0
120.0
220.0
k½
VFB2 Input Impedance
Measure Input impedance.
60.0
120.0
220.0
k½
s Gate1,2,2B Output Voltages
VSS = 12V. VCC = VSS - VDON
GATE1 Low State
PROGRAM = 0V. Measure GATE1
0.15
0.80
V
voltage when sinking 1mA.
GATE2 Low State
PROGRAM = 0V. Measure GATE2
0.18
0.80
V
voltage when sinking 1mA.
GATE2B Low State
PROGRAM = 0V. Measure GATE2B
0.18
0.80
V
voltage when sinking 1mA.
GATE2B High State
Measure VCC - GATE2B voltage
1.65
2.00
V
when sourcing 1mA.
GATE2 High State
Measure VCC - GATE2 voltage
1.65
2.00
V
when sourcing 1mA.
GATE1 High State
Measure VCC - GATE1 voltage
1.65
2.00
V
when sourcing 1mA.
s Propagation Delays
ILIM1 Delay to Output GATE1
Measure delay from ILIM1 going
80.0
120.0
ns
high to GATE1 going low.
ILIM2 Delay to Output GATE2
Measure delay from ILIM2 going
80.0
100.0
ns
high to GATE2 going low.
RAMP1 Delay to Output GATE1 Measure delay from RAMP1 going
80.0
115.0
ns
high to GATE1 going low.
RAMP2 Delay to Output GATE2 Measure delay from RAMP2 going
80.0
100.0
ns
high to GATE2 going low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com