Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5127GDWR16 Datasheet(PDF) 21 Page - Cherry Semiconductor Corporation

Part # CS5127GDWR16
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127GDWR16 Datasheet(HTML) 21 Page - Cherry Semiconductor Corporation

Back Button CS5127GDWR16 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5127GDWR16 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5127GDWR16 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5127GDWR16 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5127GDWR16 Datasheet HTML 20Page - Cherry Semiconductor Corporation CS5127GDWR16 Datasheet HTML 21Page - Cherry Semiconductor Corporation CS5127GDWR16 Datasheet HTML 22Page - Cherry Semiconductor Corporation CS5127GDWR16 Datasheet HTML 23Page - Cherry Semiconductor Corporation CS5127GDWR16 Datasheet HTML 24Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1.07
1.05
1.02
1.01
0
Temperature (C)
1.06
1.04
1.03
1.00
0.99
10
20
30
40
50
60
70
Figure 39: VFFB Bias Current vs Temperature.
3.35
3.29
0
Temperature (C)
3.37
3.31
3.27
10
50
70
20
30
60
40
3.33
2.26
2.22
0
Temperature (C)
2.28
2.20
10
50
70
20
30
60
40
2.24
Figure 37: PWM Comparator Maximum Common Mode Input Voltage
vs Temperature.
Figure 40: ENABLE Threshold vs Temperature.
Typical Performance Characteristics: continued
17.0
16.0
15.0
14.5
0
Temperature (C)
17.5
16.5
15.5
10
50
70
20
30
60
40
Figure 38: Error Amplifier Sink Current vs Temperature.
270
240
220
210
010
30
40
50
70
Temperature (C)
20
60
280
260
250
230
Figure 41: ENABLE Bias Current vs Temperature.
210
195
185
180
010
30
40
50
70
Temperature (C)
20
60
215
205
200
190
Figure 42: GATE Low Voltage (100mA) vs Temperature.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com