Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ6 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBJ6
Description  Glass Passivated Single-Phase Bridge Rectifier, 6A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBJ6 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBJ6 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBJ6 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBJ6 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 4.0g (0.14 ozs)
6A
VRRM
400V to 1200V
1.10V
5 µA
150ºC
IFSM
IR
VF
SEMICONDUCTOR
RoHS
RoHS
Glass Passivated Single-Phase Bridge Rectifier, 6A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max.
175A
KBJ6 Series
KBJ604 Thru KBJ612
Isolation voltage up to 2500V
International standard package
High heat-conduction rate
Low temperature rise
All dimensions in millimeters
+
~
~
High temperature soldering guaranteed :
25.00±0.30
7.50±0.20
Ø3.30
+0.10
-0.20
1.00
+0.07
-0.04
+
~
~
3.60±0.20
0.65±0.01
4.60±0.20
3.00±0.20
7.50±0.20
7.50±0.20
Page 1of 3
www.nellsemi.com
260°C/10 second, 2.3kg tension force


Similar Part No. - KBJ6

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ6 WTE-KBJ6 Datasheet
51Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Goodwork Semiconductor ...
KBJ60 GWSEMI-KBJ60 Datasheet
67Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBJ600 FCI-KBJ600 Datasheet
145Kb / 2P
6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Zibo Seno Electronic En...
KBJ60010 ZSELEC-KBJ60010 Datasheet
111Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
RFE international
KBJ6005 RFE-KBJ6005 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
More results

Similar Description - KBJ6

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
TAITRON Components Inco...
TU600G TAITRON-TU600G Datasheet
195Kb / 4P
6A Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBU6 NELLSEMI-GBU6 Datasheet
161Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 6A
logo
Chip Integration Techno...
GBJ6005 CITC-GBJ6005 Datasheet
93Kb / 3P
6A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU6005 CITC-GBU6005 Datasheet
91Kb / 3P
6A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com