Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NACS400 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NACS400
Description  Air Cooled Single Phase Diode Stack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NACS400 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NACS400 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NACS400 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
150
200
250
300
350
400
450
500
550
1
10
100
50HZ
0
0.5
1
1.5
2
2.5
3
3.5
1
10
100
1000
40
60
80
100
120
140
160
180
0
10
20
30
40
50
60
6phases
3phases
1phases
0
10
20
30
40
0
10
20
30
40
D
6phases
3phases
1phases
40
60
80
100
120
140
160
180
0
20
40
60
6phases
3phases
1phases
D
0
10
20
30
40
50
0
10
20
30
40
6phases
3phases
1phases
180
0
Instantanueous forward current , A
Number of Cycles , N
Conduction Angle
DC
DC
Mean forward current , A
6 phase 3 phase 1 phase
6 phase
3 phase
1 phase
6 phase 3 phase1 phase
6 phase
3 phase
1 phase
60Hz
(per unit)
Surge current vs. Cycles ( per unit )
Max. Power dissipation vs. Mean forward current
Max. Case temperature vs. Mean forward current
Max. Power dissipation vs. Mean forward current
Max. Case temperature vs. Mean forward current
60Hz
50Hz
180
0
Conduction Angle
Conduction Angle
Conduction Angle
Peak forward voltage vs. Peak forward current
Mean forward current , A
Mean forward current , A
Mean forward current , A
(per unit)
(per unit)
(per unit)
(per unit)
SEMICONDUCTOR
RoHS
RoHS
NACS Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com