Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2383
Description  COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2383 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2383 Datasheet HTML 1Page - Unisonic Technologies 2SC2383 Datasheet HTML 2Page - Unisonic Technologies 2SC2383 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2383
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-086.a
ABSOLUTE MAXIMUM RATINGS (T
A=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
1
A
Base Current
IB
0.5
A
Collector Power Dissipation
Pc
900
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-Off Current
ICBO
VCE=150V, IE=0
1
µA
Emitter Cut-Off Current
IEBO
VEB=6V, IC=0
1
µA
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA, IB=0
160
V
DC Current Gain
hFE
VCE=5V, IC=200mA
60
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
1.5
V
Base-Emitter On Voltage
VBE(on)
VCE=5V, IC=5mA
0.45
0.75
V
Current Gain Bandwidth Product
fT
VCE=5V, IC=200mA
20
100
MHz
Output Capacitance
Cob
VCB=10V, IE =0, f=1MHz
20
pF
hFE CLASSIFICATION
CIASSIFICATION
R
O
Y
hFE
60~120
100-200
160-320



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com