Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5150GD16 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5150GD16
Description  CPU 4-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5150GD16 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5150GD16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: 0°C < TA < +70°C; 0°C < TJ < +85°C; 8V < VCC1 < 14V; 5V < VCC2 < 14V; DAC Code: VID2 = VID1 =
VID0 = 1; VID3 = 0; CVGATE(L) and CVGATE(H) = 1nF; COFF = 330pF; CSS = 0.1µF, unless otherwise specified.
s
DAC: continued
VID3
VID2
VID1
VID0
0
1
0
1
3.0096
3.0400
3.0704
V
0
1
0
0
3.1086
3.1400
3.1714
V
0
0
1
1
3.2076
3.2400
3.2724
V
0
0
1
0
3.3066
3.3400
3.3734
V
0
0
0
1
3.4056
3.4400
3.4744
V
0
0
0
0
3.5046
3.5400
3.5754
V
s
VGATE(H) and VGATE(L)
Out SOURCE Sat at 100mA
Measure VCC1 – VGATE(L),;VCC2 – VGATE(H)
1.2
2.0
V
Out SINK Sat at 100mA
Measure VGATE(H) – VPGnd;
1.0
1.5
V
VGATE(L) – VPGnd
Out Rise Time
1V < VGATE(H) < 9V; 1V < VGATE(L) < 9V
30
50
ns
VCC1 = VCC2 = 12V
Out Fall Time
9V > VGATE(H) > 1V; 9V > VGATE(L) > 1V
30
50
ns
VCC1 = VCC2 = 12V
Shoot-Through Current
Note 1
50
mA
Delay VGATE(H) to VGATE(L)
VGATE(H) falling to 2V; VCC1 = VCC2 = 8V
25
50
ns
VGATE(L) rising to 2V
Delay VGATE(L) to VGATE(H)
VGATE(L) falling to 2V; VCC1 = VCC2 = 8V
25
50
ns
VGATE(H) rising to 2V
VGATE(H), VGATE(L) Resistance
Resistor to LGnd
20
50
100
kΩ
VGATE(H), VGATE(L) Schottky
LGnd to VGATE(H) @ 10mA
600
800
mV
LGnd to VGATE(L) @ 10mA
s
Soft Start (SS)
Charge Time
1.6
3.3
5.0
ms
Pulse Period
25
100
200
ms
Duty Cycle
(Charge Time/Pulse Period) × 100
1.0
3.3
6.0
%
COMP Clamp Voltage
VFB = 0V; VSS = 0
0.50
0.95
1.10
V
VFFB SS Fault Disable
VGATE(H) = Low; VGATE(L) = Low
0.9
1.0
1.1
V
High Threshold
2.5
3.0
V
s
PWM Comparator
Transient Response
VFFB = 0 to 5V to VGATE(H) = 9V to 1V;
100
125
ns
VCC1 = VCC2 = 12V
VFFB Bias Current
VFFB = 0V
0.3
µA
s
Supply Current
ICC1
No Switching
8.5
13.5
mA
ICC2
No Switching
1.6
3.0
mA
Operating ICC1
VFB = COMP = VFFB
813
mA
Operating ICC2
VFB = COMP = VFFB
25
mA
s
COFF
Normal Charge Time
VFFB = 1.5V; VSS = 5V
1.0
1.6
2.2
µs
Extension Charge Time
VSS = VFFB = 0
5.0
8.0
11.0
µs
Discharge Current
COFF to 5V; VFB >1V
5.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com