Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1782L-R-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1782L-R-AE3-R
Description  POWER NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1782L-R-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1782L-R-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1782L-R-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1782L-R-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD1782
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-107.a
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
0.5
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A =25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=50µA
80
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=2mA
80
V
Emitter-Base Breakdown Voltage
BVEBO
IE=50µA
5
V
Collector Cutoff Current
ICBO
VCB=50V
0.5
µA
Emitter Cutoff Current
IEBO
VEB=4V
0.5
µA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500 mA, IB=50mA
0.2
0.5
V
DC Current Transfer Ratio
hFE
VCE=3V, IC=100mA
120
390
Transition Frequency
fT
VCE=10V, IE=-50mA, f=100MHz
120
MHz
Output Capacitance
Cob
VCB=10V, IE=0A, f=1MHz
7.5
pF
CLASSIFICATION OF hFE
RANK
Q
R
RANGE
120~270
180~390



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com