Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2686G-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD2686G-AB3-R
Description  SILICON NPN EPITAXIAL TYPE (DARLINGTON POWER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD2686G-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD2686G-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SD2686G-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SD2686G-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2686
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-050.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
60±10
V
Emitter-Base Voltage
VEBO
8
V
Collector Current
DC
IC
1
A
Pulse
ICP
3
A
Base Current
IB
0.5
A
Power Dissipation (Note 2)
PD
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on an FR4 board (glass-epoxy; 1.6mm thick; Cu area, 645mm
2)
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA, IB=0
50
60
70
V
Collector Cut-Off Current
ICBO
VCB=45V, IE=0
10
μA
ICEO
VCE=45V, IE=0
10
μA
Emitter Cut-Off Current
IEBO
VEB=8V, IC=0
0.8
4.0
mA
DC Current Gain
hFE
VCE=2V, IC=1.0A
2000
Collector-Emitter Saturation Voltage
VCE(sat)
IC=0.5A, IB=1mA
1.2
V
IC=1.0A, IB=1mA
1.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=1.0A, IB=1mA
2.0
V
Turn-On Time
tON
See specified test circuit.
0.4
μs
Storage Time
tSTG
4.0
μs
Fall Time
tF
0.6
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com