Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5155GD16 Datasheet(PDF) 14 Page - Cherry Semiconductor Corporation

Part # CS5155GD16
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5155GD16 Datasheet(HTML) 14 Page - Cherry Semiconductor Corporation

Back Button CS5155GD16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5155GD16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5155GD16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5155GD16 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5155GD16 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5155GD16 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5155GD16 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5155GD16 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5155GD16 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
Thermal Data
16L
16L
SO Narrow
PDIP
RQJC
typ
28
42
ûC/W
RQJA
typ
115
80
ûC/W
D
Lead Count
Metric
English
Max
Min
Max
Min
16L SO Narrow
10.00
9.80
.394
.385
16L PDIP
19.18
18.92
.755
.745
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)
Surface Mount Narrow Body (D); 150 mil wide
Rev. 1/22/99
Ordering Information
Part Number
Description
CS5155GD16
16L SO Narrow
CS5155GDR16
16L SO Narrow (tape & reel)
CS5155GN16
16L PDIP
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Plastic DIP (N); 300 mil wide
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com