Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5155H Datasheet(PDF) 13 Page - Cherry Semiconductor Corporation

Part # CS5155H
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5155H Datasheet(HTML) 13 Page - Cherry Semiconductor Corporation

Back Button CS5155H Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5155H Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5155H Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5155H Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5155H Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5155H Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5155H Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5155H Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5155H Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Applications Information: continued
13
4. Connect the ground terminals of the Compensation
capacitor directly to the ground of the fast feedback filter
capacitor to prevent common mode noise from effecting
the PWM comparator.
5. Place the output filter capacitor(s) as close to the load as
possible and connect the ground terminal to pin 14 (LGnd).
6. To implement adaptive voltage positioning, connect
both slow and fast feedback pins 16 (VFB) and 8 (VFFB) to
the regulator output right at the inductor terminal. Connect
inductor to the output capacitors via a trace with the fol-
lowing resistance:
RTRACE =
This causes the output voltage to be +40mV with no load,
and -40mV with a full load, improving regulator transient
response. This trace must be wide enough to carry the full
output current. (Typical trace is 1.0 inch long, 0.17 inch
wide). Care should be taken to minimize any additional
losses after the feedback connection point to maximize reg-
ulation.
7. If DC regulation is to be optimized (at the expense of
degraded transient regulation), adaptive voltage position-
ing can be disabled by connecting to VFB pin directly to the
load with a separate trace (remote sense).
8. Place 5V input capacitors close to the switching MOSFET
and synchronous MOSFET.
Route gate drive signals VGATE(H) (pin 10) and VGATE(L)
(pin 12 when used) with traces that are a minimum of 0.025
inches wide.
Figure 20: Layout Guidelines
15
To the negative terminal of the
input capacitors
100pF
VFFB
11
8
OFF TIME
5
SOFTSTART
VCC
0.1µF
To the negative terminal of the output capacitors
1.0µF
VCOMP
80mV
IMAX
Figure 21: 5V to 3.3V/10A converter.
Figure 22: 5V to 3.3V/10A converter with current sharing.
Figure 23: 3.3V to 2.5V/7A converter with 12V bias.
Figure 24: 12V to 3.3V/5A converter with remote sense.
0.33µF
VID0
VID1
VID2
VID3
VCC1
SS
CS5155H
COFF
LGnd
VFB
VFFB
COMP
12V
+
+
1.1µH
3.3V/5A
VCC2 VGATE(H)
VGATE(L)
PGnd
3.3k
0.1µF
100pF
330pF
1µF
0.1µF
VID4
1N4746
18V 1W
1µF
1N5818
1N5818
22Ω
1/4W
FY10AAJ-
03
820µF/16V × 4
Aluminum
Electrolytic
1200µF/10V × 2
Aluminum
Electrolytic
FY10AAJ-
03
FY10AAJ-
03
+12V
0.33µF
VID0
VID1
VID2
VID3
VCC1
CS5155H
COFF
VFB
VFFB
COMP
Si9410
Si9410
12V
+
+
5µH
2.5V/7A
VCC2
PGnd
3.3k
0.1µF
100µF/10V x 2
Tantalum
100pF
330pF
1µF
33µF/25V x 3
Tantalum
3.3V
SS
LGnd
VGATE(H)
VGATE(L)
VID4
0.33µF
VID0
VID1
VID2
VID3
VCC1
CS5155H
COFF
VFB
VFFB
COMP
Si9410
Si4410
1µF
5V
+
+
3µH
3.3V/10A
VCC2
PGnd
3.3k
0.1µF
100µF/10V x 3
Tantalum
100pF
330pF
0.1µF
1µF
MBRS120
MBRS120
100µF/10V x 3
Tantalum
10Ω
Remote
Sense
Connect to
other circuits for
current sharing
SS
LGnd
VGATE(H)
VGATE(L)
VID4
MBRS
120
0.33µF
VID0
VID1
VID2
VID3
VCC1
CS5155H
COFF
VFB
VFFB
COMP
Si9410DY
Si4410DY
1µF
5V
+
+
3µH
3.3V/10A
VCC2
PGnd
3.3k
0.1µF
100µF/10V x 3
Tantalum
100pF
330pF
0.1µF
1µF
MBRS120
MBRS120
100µF/10V x 3
Tantalum
SS
LGnd
VGATE(H)
VGATE(L)
VID4
MBRS
120
Additional Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com