Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK545L-B11-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SK545L-B11-AE3-R
Description  IMPEDANCE CONVERTER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SK545L-B11-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SK545L-B11-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SK545L-B11-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SK545L-B11-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK545
Preliminary
JFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R216-102.a
ABSOLUTE MAXIMUM RATINGS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
40
V
Gate-Drain Voltage
VGDS
-40
V
Gate Current
IG
10
mA
Drain Current
ID
1
mA
Power Dissipation
PD
125
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Gate-to-Drain Breakdown Voltage
V(BR)GDS
ID=-10µA, VDS=0V
-40
V
Gate-to-Source Leakage Current
IGSS
VGS=-20V, VDS=0V
-500
pA
Zero-Gate Voltage Drain Current
IDSS
VDS=10V, VGS=0V
30
300
µA
Cutoff Voltage
VGS(OFF)
VDS=10V, ID=1µA
-1.5
-4.0
V
Forward Transfer Admittance
|yfs|
VGS=0V, VDS=10V, f=1.0KHz
0.05 0.13
mS
Input Capacitance
CISS
VGS=0V, VDS=10V, f=1.0MHz
1.7
pF
Reverse Transfer Capacitance
CRSS
0.7
pF
CLASSIFICATION OF IDSS
RANK
B10
B11
B12
RANGE
30~80
60~180
150~300



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com