Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N10ZL-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7N10ZL-TN3-R
Description  7A, 100V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N10ZL-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  7N10ZL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7N10ZL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7N10ZL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7N10ZL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7N10ZL-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7N10Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-762.A
ABSOLUTE MAXIMUM RATINGS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain -Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current
TC =25°C
ID
7
A
Pulsed Drain Current (Note 2)
IDM
28
A
Single Pulsed Avalanche Energy (Note 3)
EAS
50
mJ
Power Dissipation
PD
2.5
W
Derate above 25°C
0.02
W/°C
Operating Junction Temperature
TJ
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Repetitive Rating : Pulse width limited by maximum junction temperature
L =26mH, IAS =7A, VDD =25V, RG =25Ω Starting TJ =25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Note: When mounted on the minimum pad size recommended (PCB Mount)
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID =250µA
100
V
Drain-Source Leakage Current
IDSS
VDS =100V, VGS =0V
1
µA
Gate-Source Leakage Current
IGSS
VGS =±25V, VDS =0V
±10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID =250µA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS =10V, ID =3.5A
0.28 0.35
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS =25V, VGS=0V, f=1.0MHz
190
250
pF
Output Capacitance
COSS
60
75
pF
Reverse Transfer Capacitance
CRSS
10
13
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=80V, ID=7A
(Note 1,2)
5.8
7.5
nC
Gate Source Charge
QGS
1.4
nC
Gate Drain Charge
QGD
2.5
nC
Turn-ON Delay Time
tD(ON)
VDD=50V, ID=7A, RG=25Ω
(Note 1,2)
7
25
ns
Turn-ON Rise Time
tR
24
60
ns
Turn-OFF Delay Time
tD(OFF)
13
35
ns
Turn-OFF Fall-Time
tF
19
50
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
7
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
28
A
Drain-Source Diode Forward Voltage
VSD
IS =7A, VGS =0V
1.5
V
Notes: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com