Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003BS Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3003BS
Description  NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3003BS Datasheet(HTML) 2 Page - Unisonic Technologies

  3003BS Datasheet HTML 1Page - Unisonic Technologies 3003BS Datasheet HTML 2Page - Unisonic Technologies 3003BS Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
13003BS
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R223-018. a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
800
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
Continuous
IC
2
A
Peak
ICM
4
A
Base Current
Continuous
IB
1
A
Peak
IBM
2
A
Power Dissipation (TC=25
°C)
TO-251
PD
10
W
TO-126
20
W
TO-92
1
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-251
θJA
90
°C/W
TO-126
100
TO-92
150
Junction to Case
TO-251
θJC
12.5
°C/W
TO-126
7.5
TO-92
100
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
800
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
450
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
9
V
Collector Cut-Off Current
ICBO
VCB=800V, IE=0
0.1
mA
Collector-Emitter Cut-Off Current
ICEO
VCE=450V, IB=0
0.1
mA
Emitter-Base Cut-Off Current
IEBO
VEB=9V, IC=0
0.1
mA
DC Current Gain (Note)
hFE
VCE=5V, IC=0.2mA
20
35
Low current and high current hFE2 hFE1 ratio
hFE1/ hFE2
hFE1: VCE=5V, IC=5mA
0.75
hFE2: VCE=5V, IC=0.2A
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=0.5A, IB=0.1A
0.8
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC=0.5A, IB=0.1A
1.5
V
Storage Time
tS
UI9600, IC=0.25A
2
5
μs
Rise Time
tR
2
μs
Fall Time
tF
2
μs
Transition Frequency
fT
VCE=10V, IC=0.1A, f=1MHz
5
MHz
Note: Pulse test, pulse width tp≤300µs, Duty cycle≤2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com