Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166GDWR16 Datasheet(PDF) 20 Page - Cherry Semiconductor Corporation

Part # CS5166GDWR16
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166GDWR16 Datasheet(HTML) 20 Page - Cherry Semiconductor Corporation

Back Button CS5166GDWR16 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5166GDWR16 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5166GDWR16 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5166GDWR16 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5166GDWR16 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5166GDWR16 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5166GDWR16 Datasheet HTML 20Page - Cherry Semiconductor Corporation CS5166GDWR16 Datasheet HTML 21Page - Cherry Semiconductor Corporation CS5166GDWR16 Datasheet HTML 22Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
1.325 1.375 1.425 1.475 1.525 1.575 1.625 1.675 1.725 1.775 1.825 1.875 1.925 1.975 2.025 2.075
DAC Output Voltage Setting (V)
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
Figure 31: Percent Output Error vs DAC Voltage Setting,
VCC = 12V, TA = 25˚C, VID4 = 0.
Figure 34: Percent Output Error vs. DAC Output Voltage Setting
VCC = 12V, TA = 25˚C, VID4 = 1.
Typical Performance Characteristics
Figure 30: GATE(H) & GATE(L) Falltime vs. Load Capacitance.
200
160
140
120
100
80
60
40
0
180
0
2000
4000
6000
8000
10000 12000 14000 16000
VCC=12V
TA=25C˚
Load Capacitance (pF)
20
Figure 33: DAC Output Voltage vs Temperature, DAC Code = 10111,
VCC = 12V.
120
100
80
60
40
20
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
Junction Temperature (˚C)
0
200
180
160
140
120
100
80
60
40
20
0
0
2000
4000
6000 8000
10000 12000 14000 16000
VCC=12V
TA=25C˚
Load Capacitance (pF)
Figure 29: GATE(L) Risetime vs. Load Capacitance.
Figure 32: GATE(H) Risetime vs. Load Capacitance.
0
2000
4000
6000
8000 10000 12000 14000 16000
200
180
160
140
120
100
80
60
40
20
0
VCC=12V
TA=25C˚
Load Capacitance (pF)
2.125 2.225 2.325 2.425 2.525 2.625 2.725 2.825 2.925 3.025 3.125 3.225 3.325 3.425 3.525
DAC Output Voltage Setting (V)
0.05
0
-0.05
-0.1
-0.15
-0.2
-0.25
11) Place the VFB filter resistor in series with the
VFB pin (pin 16) right at the pin.
12) Place the VFB filter capacitor right at the VFB pin (pin
16).
13) The “Droop” Resistor (embedded PCB trace) has to be
wide enough to carry the full load current.
14) Place the VCC bypass capacitor as close as possible to
the VCC pin and connect it to the PGnd pin of the IC.
Connect the PGnd pin directly to the Gnd plane.
15) Create a subground (local Gnd) plane preferably on
the PCB top layer and under the IC controller. Connect all
logic capacitor returns and the LGnd pin of the IC to this
plane. Connect the subground plane to the main Gnd
plane using a minimum of four (4) vias.
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com