Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201-1 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5201-1
Description  1A Adjustable Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5201-1 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5201-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
D2PAK
TO-220
SOT-223
1
1
1
Adj
Adjust pin (low side of the internal reference).
22
2
VOUT
Regulated output voltage (case).
33
3
VIN
Input voltage.
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: CIN = 10µF, COUT = 22µF Tantalum, VOUT + VDROPOUT < VIN < 7V, 0¡C ² TA ² 70¡C, TJ ² +150¡C,
unless otherwise specified, Ifull load = 1A.
2
s Adjustable Output Voltage
Reference Voltage
VINÐVOUT=1.5V; VAdj = 0V
1.241
1.254
1.266
V
(Notes 1 and 2)
10mA²IOUT²1A
(-1%)
(+1%)
Line Regulation
1.5V²VINÐVOUT²5.75V; IOUT=10mA
0.02
0.20
%
Load Regulation
VINÐVOUT=1.5V; 10mA²IOUT²1A
0.04
0.4
%
(Notes 1 and 2)
Dropout Voltage (Note 3)
IOUT=1A
1.0
1.2
V
Current Limit
VINÐVOUT=3V; TJ ³ 25¡C
1.1
3.1
A
Minimum Load Current (Note 4) VIN=7V ; VAdj=0
0.6
2.0
mA
Adjust Pin Current
VINÐVOUT=3V; IOUT=10mA
50
100
µA
Thermal Regulation (Note 5)
30ms pulse; TA=25¡C
0.002
0.020
%/W
Ripple Rejection (Note 5)
f=120Hz; IOUT=1A; VINÐVOUT=3V;
80
dB
VRIPPLE=1VPP
Thermal Shutdown (Note 6)
150
180
210
¡C
Thermal Shutdown Hysteresis
25
¡C
(Note 6)
Note 1: Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to temperature changes must be taken into account separately.
Note 2: Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4Ó from the bottom of the package.
Note 3: Dropout voltage is a measurement of the minimum input/output differential at full load.
Note 4: The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used
to set the output voltage is selected to meet the minimum load requirement.
Note 5: Guaranteed by design, not 100% tested in production.
Note 6: Thermal shutdown is 100% functionally tested in production.
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40¡C to 70¡C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150¡C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-60¡C to 150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 sec. max, 260¡C peak
Reflow (SMD styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60 sec. max above 183¡C, 230¡C peak
ESD Damage Threshold (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com