Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201-3 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5201-3
Description  1A, 3.3V Fixed Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5201-3 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5201-3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5201-3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5201-3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5201-3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5201-3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5201-3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
D2PAK
TO-220
SOT-223
1
1
1
Gnd
Ground connection.
22
2
VOUT
Regulated output voltage (case).
33
2
VIN
Input voltage.
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: CIN = 10µF, COUT = 22µF Tantalum, VOUT + VDROPOUT < VIN < 7V, 0¡C ² TA ² 70¡C, TJ ² +150¡C,
unless otherwise specified, Ifull load = 1A.
2
Absolute Maximum Ratings
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40¡C to 70¡C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150¡C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-60¡C to 150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 sec. max, 260¡C peak
Reflow (SMD styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60 sec. max above 183¡C, 230¡C peak
ESD Damage Threshold (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
s Fixed Output Voltage
Output Voltage
VINÐVOUT=1.5V;
3.250
3.300
3.350
V
(Notes 1 and 2)
0²IOUT²1A
(-1.5%)
(+1.5%)
Line Regulation
2V²VINÐVOUT²3.7V; IOUT=10mA
0.02
0.20
%
Load Regulation
VINÐVOUT=2V; 10mA²IOUT²1A
0.04
0.4
%
(Notes 1 and 2)
Dropout Voltage (Note 3)
IOUT=1A
1.0
1.2
V
Current Limit
VINÐVOUT=3V
1.0
3.1
A
Quiescent Current
IOUT=10mA
5.0
10.0
mA
Thermal Regulation (Note 4)
30ms pulse; TA=25¡C
0.002
0.020
%/W
Ripple Rejection (Note 4)
f=120Hz; IOUT=1A; VINÐVOUT=3V;
80
dB
VRIPPLE=1VPP
Thermal Shutdown (Note 5)
150
180
210
¡C
Thermal Shutdown Hysteresis
25
¡C
(Note 5)
Note 1: Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to temperature changes must be taken into account separately.
Note 2: Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4Ó from the bottom of the package.
Note 3: Dropout voltage is a measurement of the minimum input/output differential at full load.
Note 4: Guaranteed by design, not tested in production.
Note 5: Thermal shutdown is 100% functionally tested in production.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com