Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB1198A3-R-BK-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB1198A3-R-BK-G
Description  PNP Epitaxial Planar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1198A3-R-BK-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB1198A3-R-BK-G Datasheet HTML 1Page - Cystech Electonics Corp. BTB1198A3-R-BK-G Datasheet HTML 2Page - Cystech Electonics Corp. BTB1198A3-R-BK-G Datasheet HTML 3Page - Cystech Electonics Corp. BTB1198A3-R-BK-G Datasheet HTML 4Page - Cystech Electonics Corp. BTB1198A3-R-BK-G Datasheet HTML 5Page - Cystech Electonics Corp. BTB1198A3-R-BK-G Datasheet HTML 6Page - Cystech Electonics Corp. BTB1198A3-R-BK-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C824A3
Issued Date : 2007.02.28
Revised Date : 2012.12.27
Page No. : 2/7
BTB1198A3
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-50μA
BVCEO
-80
-
-
V
IC=-2mA
BVEBO
-5
-
-
V
IE=-50μA
ICBO
-
-
-0.5
µA
VCB=-50V
IEBO
-
-
-0.5
µA
VEB=-4V
*VCE(sat)
-
-0.16
-0.5
V
IC=-500mA, IB=-50mA
*hFE
120
-
560
-
VCE=-3V, IC=-100mA
fT
-
180
-
MHz
VCE=-10V, IC=-50mA, f=100MHz
Cob
-
11
-
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
Classification Of hFE
Rank
Q
R
S
Range
120~270
180~390
270~560
Ordering Information
Device
HFE rank
Package
Shipping
BTB1198A3-Q-BK-G
Q
TO-92 (Pb-free lead plating
and halogen-free package)
1000 pcs/ bag, 10 bags/box,
10boxes/carton
BTB1198A3-R-BK-G
R
TO-92 (Pb-free lead plating
and halogen-free package)
1000 pcs/ bag, 10 bags/box,
10boxes/carton
BTB1198A3-S-BK-G
S
TO-92 (Pb-free lead plating
and halogen-free package)
1000 pcs/ bag, 10 bags/box,
10boxes/carton
BTB1198A3-Q-TB-G
Q
TO-92 (Pb-free lead plating
and halogen-free package)
2000 pcs / Tape & Box
BTB1198A3-R-TB-G
R
TO-92 (Pb-free lead plating
and halogen-free package)
2000 pcs / Tape & Box
BTB1198A3-S-TB-G
S
TO-92 (Pb-free lead plating
and halogen-free package)
2000 pcs / Tape & Box



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com