Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201-1GSTR3 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS5201-1GSTR3
Description  1A Adjustable Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5201-1GSTR3 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS5201-1GSTR3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5201-1GSTR3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5201-1GSTR3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5201-1GSTR3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5201-1GSTR3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5201-1GSTR3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5201-1GSTR3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Part Number
Type
Description
CS5201-1GT3
1A, adj. output 3 L TO-220 Straight
CS5201-1GDP3
1A, adj. output 3 L D2PAK
CS5201-1GDPR3 1A, adj. output 3 L D2PAK (tape & reel)
CS5201-1GST3
1A, adj. output 3 L SOT-223
CS5201-1GSTR3 1A, adj. output 3 L SOT-223 (tape & reel)
7
Ordering Information
Rev. 2/16/98
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Package Specification
3L
3L
3L
Thermal Data
TO-220
D2PAK
SOT-223
RQJC
typ
3.5
3.5
15
ûC/W
RQJA
typ
50
10 - 50*
156
ûC/W
*Depending on thermal properties of substrate. RQJA = RQJC + RQCA
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
PACKAGE DIMENSIONS IN mm (INCHES)
3 Lead D2PAK (DP)
2.54 (.100) REF
10.31 (.406)
10.05 (.396)
8.53 (.336)
8.28 (.326)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
1.40 (.055)
1.14 (.045)
0.10 (.004)
0.00 (.000)
.254 (.010) REF
15.75 (.620)
14.73 (.580)
2.79 (.110)
2.29 (.090)
3 Lead TO-220 (T) Straight
5.33 (.210)
4.83 (.190)
2.79 (.110)
2.29 (.090)
1.02 (.040)
0.63 (.025)
0.56 (.022)
0.38 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.17 (.243) REF
1.14 (.045)
1.52 (.060)
1.14 (.045)
1.40 (.055)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
2.92 (.115)
2.29 (.090)
9.78 (.385)
10.54 (.415)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
3 Lead SOT-223 (ST)
10
° MAX
1.30 (.051)
1.10 (.043)
4.60 (.181)
2.30 (.090)
1.05 (.041)
0.85 (.033)
7.30 (.287)
6.70 (.264)
3.30 (.130)
3.70 (.146)
3.15 (.124)
2.95 (.116)
6.70 (.264)
6.30 (.248)
1.70 (.067)
1.50 (.060)
0.10 (.004)
0.02 (.001)
0.85 (.033)
0.65 (.026)
0.35 (.014)
0.25 (.010)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com