Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203-3 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5203-3
Description  3A, 3.3V Fixed Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5203-3 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5203-3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5203-3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5203-3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5203-3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5203-3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5203-3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
100
mF
5V
3.3V
@ 3A
10
mF
5V
VOUT
CS5203-3
VIN
GND
5V
s
Output Current to 3A
s
Output Accuracy to ±1.5%
Over Temperature
s
Dropout Voltage (typical)
1.15V @ 3A
s
Fast Transient Response
s
Fault Protection
Current Limit
Thermal Shutdown
Package Options
3A, 3.3V Fixed Linear Regulator
CS5203-3
Application Diagram
CS5203 -3
1
Gnd
2VOUT (Tab)
3VIN
Description
3L D2PAK
Tab (VOUT)
1
Consult factory for other package
options.
The CS5203-3 linear regulator
provides a 3.3V reference at 3A
with an output voltage accuracy
of ±1.5%.
This regulator is intended for
use as a post regulator and
microprocessor supply. The fast
loop response and low dropout
voltage make this regulator
ideal for applications where low
voltage operation and good
transient response are impor-
tant.
The circuit is designed to pro-
vide 3A of output current with
dropout voltages of less than
1.15V. The maximum quiescent
current is only 10mA at full
load. Device protection includes
overcurrent and thermal shut-
down.
The CS5203-3 is pin compatible
with the LT1085 family of linear
regulators.
The regulator is available in a
surface mount D2 package.
Rev. 6/3/98
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS5203-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5203-3GDP3 ONSEMI-CS5203-3GDP3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5203-3GDPR3 ONSEMI-CS5203-3GDPR3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
More results

Similar Description - CS5203-3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
CS52015-3 CHERRY-CS52015-3 Datasheet
159Kb / 6P
1.5A, 3.3V Fixed Linear Regulator
Rev. 2/17/98
CS5207-3 CHERRY-CS5207-3 Datasheet
150Kb / 5P
7A, 3.3V Fixed Linear Regulator
Rev. 10/2/97
logo
International Rectifier
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
L1085-3.3 ETC1-L1085-3.3 Datasheet
85Kb / 8P
3A Fixed Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com