Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015-3GDPR3 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS52015-3GDPR3
Description  1.5A, 3.3V Fixed Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52015-3GDPR3 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS52015-3GDPR3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52015-3GDPR3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52015-3GDPR3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52015-3GDPR3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52015-3GDPR3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52015-3GDPR3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Applications Information: continued
Figure 2: Conductor parasitic resistance effects can be minimized with
the above grounding scheme for fixed output regulators.
The CS52015-3 linear regulator includes thermal shutdown
and current limit circuitry to protect the device. High
power regulators such as these usually operate at high
junction temperatures so it is important to calculate the
power dissipation and junction temperatures accurately to
ensure that an adequate heat sink is used.
The case is connected to VOUT on the CS52015-3, and elec-
trical isolation may be required for some applications.
Thermal compound should always be used with high cur-
rent regulators such as these.
The thermal characteristics of an IC depend on the follow-
ing four factors:
1. Maximum Ambient Temperature TA (¡C)
2. Power dissipation PD (Watts)
3. Maximum junction temperature TJ (¡C)
4. Thermal resistance junction to ambient RQJA (C/W)
These four are related by the equation
TJ = TA + PD ´ RQJA
(1)
The maximum ambient temperature and the power dissi-
pation are determined by the design while the maximum
junction temperature and the thermal resistance depend on
the manufacturer and the package type.
The maximum power dissipation for a regulator is:
PD(max)={VIN(max)ÐVOUT(min)}IOUT(max)+VIN(max)IQ
(2)
where
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current, for the application
IQ is the maximum quiescent current at IOUT(max).
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment has a thermal resistance. Like series
electrical resistances, these resistances are summed to
determine RQJA, the total thermal resistance between the
junction and the surrounding air.
1. Thermal Resistance of the junction to case, RQJC (¡C/W)
2. Thermal Resistance of the case to Heat Sink, RQCS (¡C/W)
3. Thermal Resistance of the Heat Sink to the ambient air,
RQSA (¡C/W)
These are connected by the equation:
RQJA = RQJC + RQCS + RQSA
(3)
The value for RQJA is calculated using equation (3) and the
result can be substituted in equation (1).
The value for RQJC is 3.5ûC/W. For a high current regulator
such as the CS52015-3 the majority of the heat is generated
in the power transistor section. The value for RQSA
depends on the heat sink type, while RQCS depends on fac-
tors such as package type, heat sink interface (is an insula-
tor and thermal grease used?), and the contact area
between the heat sink and the package. Once these calcula-
tions are complete, the maximum permissible value of
RQJA can be calculated and the proper heat sink selected.
For further discussion on heat sink selection, see applica-
tion note ÒThermal Management for Linear Regulators.Ó
Calculating Power Dissipation and Heat Sink Requirements
VOUT
VIN
CS52015-3
VIN
RC
RLOAD
conductor
parasitic resistance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com