Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5205-3 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5205-3
Description  5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5205-3 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5205-3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5205-3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5205-3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5205-3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5205-3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5205-3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5205-3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Supply Voltage, VCC ..................................................................................................................................................................17V
Operating Temperature Range................................................................................................................................-40¡C to 70¡C
Junction Temperature ............................................................................................................................................................150¡C
Storage Temperature Range ..................................................................................................................................-60¡C to 150¡C
Lead Temperature Soldering: Wave Solder (through hole styles only)..........................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
Electrical Characteristics: CIN = 10µF, COUT = 22µF Tantalum, VIN Ð VOUT=3V, VIN ² 15V, 0¡C ² TA ² 70¡C, TJ ² +150¡C,
unless otherwise specified, Ifull load = 5A.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: CIN = 10µF, COUT = 22µF Tantalum, VIN Ð VOUT=3V, VIN ² 10V, 0¡C ² TA ² 70¡C, TJ ² +150¡C,
unless otherwise specified, Ifull load = 5A.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s Fixed Output Voltage (CS5205-3, -5)
CS5205-5
VINÐVOUT=1.5V;
4.9
5.0
5.1
V
(Notes 1 and 2)
0²IOU T²5A
(-2%)
(+2%)
CS5205-3
VINÐVOUT=1.5V;
3.234
3.300
3.366
V
(Notes 1 and 2)
0²IOUT²5A
(-2%)
(+2%)
Line Regulation
1.5V²VINÐVOUT ² 6V; IOUT=10mA
0.04
0.20
%
Load Regulation
VINÐVOUT =1.5V;
0.08
0.40
%
(Notes 1 and 2)
10mA ² IOUT²5A
Dropout Voltage (Note 3)
IOUT=5A
1.2
1.3
V
Current Limit
VINÐVOUT=3V; TJ ³ 25¡C
5.5
8.5
A
VINÐVOUT=9V
1.0
A
Quiescent Current
VIN²9V; IOUT = 10mA
5.0
10.0
mA
Thermal Regulation
30ms pulse; TA=25¡C
0.003
%/W
Ripple Rejection
f=120Hz; IOUT=5A
75
dB
Temperature Stability
0.5
%
s Adjustable Output Voltage (CS5205-1)
Reference Voltage
VINÐVOUT=1.5V; VAdj = 0V
1.241
1.254
1.266
V
(Notes 1 and 2)
10mA²IOUT²5A
(-1%)
(+1%)
Line Regulation
1.5V²VINÐVOUT²6V; IOUT=10mA
0.04
0.20
%
Load Regulation
VINÐVOUT=1.5V;
0.08
0.4
%
(Notes 1 and 2)
10mA²IOUT²5A
Dropout Voltage (Note 3)
IOUT=5A
1.2
1.3
V
Current Limit
VINÐVOUT=3V; TJ ³ 25¡C
5.5
8.5
A
VINÐVOUT=9V
1.0
A
Minimum Load Current
VINÐVOUT=7V
1.2
6
mA
Adjust Pin Current
50
100
µA
Adjust Pin Current Change
1.5V²VINÐVOUT²4V;
0.2
5.0
µA
10mA²IOUT²5A
Thermal Regulation
30ms pulse; TA=25¡C
0.003
%W
Ripple Rejection
f=120Hz; CAdj=25µF; IOUT=5A
82
dB
Temperature Stability
0.5
%
RMS Output Noise
10Hz²f²10kHz; TA=25¡C
0.003
%VOUT
Thermal Shutdown
150
180
¡C
Thermal Shutdown Hysteresis
25
¡C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com