Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES705HR2 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # UES705HR2
Description  ULTRAFAST RECTIFIERS, High Efficiency, 20A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES705HR2 Datasheet(HTML) 3 Page - Microsemi Corporation

  UES705HR2 Datasheet HTML 1Page - Microsemi Corporation UES705HR2 Datasheet HTML 2Page - Microsemi Corporation UES705HR2 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ULTRAFAST RECTIFIERS,
High Efficiency, 20A
TM
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
© 2002
2-3-2003 REV 0
SCOTTSDALE DIVISION
UES704 UES704HR2
UES705 UES705HR2
UES706 UES706HR2
OPTIONAL HIGH RELIABILITY (HR2) SCREENING
The following tests are performed on 100% of the devices.
MECHANICAL
SPECIFICATIONS
INCHES
MM
A
.078 MAX
1.98 MAX.
B
.437 +/- .015
11.10 +/- 0.38
C
.405 MAX
10.29 MAX.
D
.800 MAX
20.32 MAX.
E
.430 +/- .010
10.92 +/- 0.25
F
.250 MAX
6.35 MAX.
G
.424 MAX
10.77 MAX.
H
.066 MIN. DIA
1.68 MIN. DIA
Notes:
1.
Cathode is stud.
2.
All metal surfaces tin plated.
3.
Maximum unlubricated stud
torque: 10 inch pounds.
4.
Angular Orientation of terminal
is undefined.
SCREEN
MIL-STD-750
METHOD
CONDITIONS
1. High Temperature
1032
24 Hours @ TA = 150
oC
2. Temperature Cycle
1051
F, 20 Cycles, -55 to +150
oC. No dwell required @
25
oC, T>10 min. @ extremes
3. Hermetic Seal
a.
Fine Leak
b.
Gross Leak
1071
H, Helium
C, Liquid
4. Thermal Impedance
3101
5. Interim Electrical Parameters
GO/NO GO
As applicable
6. High Temperature Reverse Blocking
As Applicable
t= 48 hours, Tc = 125°C with applicable bias conditions
7. Final Electrical Parameters
GO/NO GO
As applicable
NOTES:
1.
Oscilloscope: Rise time
≤ 3 ns; input impedance = 50 Ω.
2.
Pulse Generator: Rise time
≤ 8 ns; source impedance 10 Ω.
3.
Current viewing resistor, non-inductive, coaxial
recommended.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com