Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5207-1 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5207-1
Description  7A Adjustable Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5207-1 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5207-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5207-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5207-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5207-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5207-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5207-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings
Supply Voltage, VCC ..................................................................................................................................................................17V
Operating Temperature Range................................................................................................................................-40¡C to 70¡C
Junction Temperature ............................................................................................................................................................150¡C
Storage Temperature Range ..................................................................................................................................-60¡C to 150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
Electrical Characteristics: CIN = 10µF, COUT = 22µF Tantalum, VIN Ð VOUT=3V, VIN ² 15V, 0¡C ² TA ² 70¡C, TJ ² +150¡C,
unless otherwise specified, Ifull load = 7A.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
s Adjustable Output Voltage
Reference Voltage
VINÐVOUT=1.6V; VAdj = 0V
1.235
1.254
1.272
V
(Notes 1 and 2)
10mA²IOUT²7A
(-1.5%)
(+1.5%)
Line Regulation
1.6V²VINÐVOUT²6V; IOUT=10mA
0.04
0.20
%
Load Regulation
VINÐVOUT=1.6V;
0.13
0.5
%
(Notes 1 and 2)
10mA²IOUT²7A
Dropout Voltage (Note 3)
IOUT=7A
1.4
1.55
V
Current Limit
VINÐVOUT=3V; TJ ³ 25¡C
7.1
8.5
A
VINÐVOUT=9V
1.0
A
Minimum Load Current
VINÐVOUT=7V
1.2
6
mA
Adjust Pin Current
50
100
µA
Adjust Pin Current Change
1.6V²VINÐVOUT²4V;
0.2
5.0
µA
10mA²IOUT²7A
Thermal Regulation
30ms pulse; TA=25¡C
0.003
%W
Ripple Rejection
f=120Hz; CAdj=25µF; IOUT=7A
80
dB
Temperature Stability
0.5
%
RMS Output Noise
10Hz²f²10kHz; TA=25¡C
0.003
%VOUT
Thermal Shutdown
150
180
¡C
Thermal Shutdown Hysteresis
25
¡C
Note 1: Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in out-
put voltage due to thermal gradients or temperature changes must be taken into account separately.
Note 2: Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4Ó from the bottom of the package.
Note 3: Dropout voltage is a measurement of the minimum input/output differential at full load.
3L TO-220
1
Adj
Adjust pin (low side of the internal reference).
2VOUT
Regulated output voltage (case).
3VIN
Input voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com