Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13003BDGP-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 13003BDGP-T92-R
Description  NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13003BDGP-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  13003BDGP-T92-R Datasheet HTML 1Page - Unisonic Technologies 13003BDGP-T92-R Datasheet HTML 2Page - Unisonic Technologies 13003BDGP-T92-R Datasheet HTML 3Page - Unisonic Technologies 13003BDGP-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
13003BDG
Preliminary
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R223-017.b
NPN SILICON BIPOLAR
TRANSISTORS FOR LOW
FREQUENCY AMPLIFICATION
DESCRIPTION
The UTC 13003BDG is a silicon NPN power switching transistor; it
uses UTC’s advanced technology to provide customers high
collector-base breakdown voltage, low reverse leakage current and
high reliability, etc.
The UTC 13003BDG is suitable for electronic ballast power switch
circuit and the compact electronic energy-saving light.
FEATURES
* High collector-base breakdown voltage
* Low reverse leakage current
* High reliability
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
13003BDGL-TM3-T
13003BDGP-TM3-T
TO-251
B
C
E
Tube
13003BDGL-T60-K
13003BDGP-T60-K
TO-126
B
C
E
Bulk
13003BDGL-T92-B
13003BDGP-T92-B
TO-92
B
C
E
Tape Box
13003BDGL-T92-K
13003BDGP-T92-K
TO-92
B
C
E
Bulk
13003BDGL-T92-R
13003BDGP-T92-R
TO-92
B
C
E
Tape Reel
Note: Pin Assignment: B: Base
C: Collector
E: Emitter
(1) T: Tube, B: Bluk, K: Bulk, R: Tape Reel
(2) TM3: TO-251, T60: TO-126, T92: TO-92
(3) L: Lead Free, P: Halogen Free
13003BDGL-TM3-T
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - 13003BDGP-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13003BDGP-T92-F-B UTC-13003BDGP-T92-F-B Datasheet
144Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003BDGP-T92-F-K UTC-13003BDGP-T92-F-K Datasheet
144Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
More results

Similar Description - 13003BDGP-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3003BS UTC-3003BS Datasheet
150Kb / 3P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13002AH UTC-13002AH Datasheet
144Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003ADA UTC-13003ADA Datasheet
142Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003BS UTC-13003BS Datasheet
170Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003DF UTC-13003DF Datasheet
163Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003DH UTC-13003DH Datasheet
172Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003DW UTC-13003DW Datasheet
172Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003EDA UTC-13003EDA Datasheet
146Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13002AH UTC-13002AH_15 Datasheet
152Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003BS UTC-13003BS_15 Datasheet
162Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com