Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13005BAG-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 13005BAG-T92-R
Description  NPN SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13005BAG-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  13005BAG-T92-R Datasheet HTML 1Page - Unisonic Technologies 13005BAG-T92-R Datasheet HTML 2Page - Unisonic Technologies 13005BAG-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
13005BA
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-089.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO(SUS)
400
V
Collector-Emitter Voltage (VBE=0)
VCES
800
V
Collector-Base Voltage
VCBO
800
V
Emitter Base Voltage
VEBO
9
V
Collector Current
Continuous
IC
3
A
Peak (1)
ICM
8
A
Base Current
Continuous
IB
2
A
Peak (1)
IBM
4
A
Emitter Current
Continuous
IE
6
A
Peak (1)
IEM
12
A
Power Dissipation at TA=25°С
PD
1
W
Junction Temperature
TJ
-65 ~ +150
°С
Storage Temperature Range
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
150
°С/W
Junction to Case
θJC
112
°С/W
ELECTRICAL CHARACTERISTICS (TC=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
(Note 1)
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=10mA , IB=0
800
V
Collector Cutoff Current
ICBO
VCBO=Rated Value, VBE(OFF)=1.5V
1
mA
VCBO=Rated Value,
VBE(OFF)=1.5V, TC=100°С
5
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1
mA
ON CHARACTERISTICS
(Note 1)
DC Current Gain
hFE1
IC=0.5A, VCE=5V
15
50
hFE2
IC=1A, VCE=5V
10
60
hFE3
IC=2A, VCE=5V
8
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=1A, IB=0.2A
0.5
V
IC=2A, IB=0.5A
0.6
V
IC=4A, IB=1A
1
V
IC=2A, IB=0.5A, TA=100°С
1
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=1A, IB=0.2A
1.2
V
IC=2A, IB=0.5A
1.6
V
IC=2A, IB=0.5A, TC=100°С
1.5
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
IC=500mA, VCE=10V, f=1MHz
4
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=0.1MHz
65
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
tD
VCC=125V, IC=2A, IB1=IB2=0.4A,
tP=25μs, Duty Cycle≤1%
0.025
0.1
μs
Rise Time
tR
0.3
0.7
μs
Storage Time
tS
1.7
4
μs
Fall Time
tF
0.4
0.9
μs
Note: 1. Pulse Test: Pulse Width=5ms, Duty Cycle≤10%
Note: 2. Pulse Test: PW=300μs, Duty Cycle≤2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com