Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1875L-GR-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # K1875L-GR-AE3-R
Description  FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

K1875L-GR-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  K1875L-GR-AE3-R Datasheet HTML 1Page - Unisonic Technologies K1875L-GR-AE3-R Datasheet HTML 2Page - Unisonic Technologies K1875L-GR-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
K1875
Preliminary
JFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-103.a
ABSOLUTE MAXIMUM RATINGS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-Drain Voltage
VGDS
-20
V
Gate-Current
IG
10
mA
Drain Power Dissipation
PD
100
mW
Junction Temperature
TJ
125
°C
Storage Temperature Range
TSTG
-55~125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A =25
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Gate Leakage Current
IGSS
VGS=-15V, VDS=0V
-1.0
nA
Gate-Drain Breakdown Voltage
V(BR)GDS
VDS=0V, IG=-100µA
-20
V
Drain Current
IDSS
VDS=5V, VGS=0V
6
32
mA
Gate-Source Cut-Off Voltage
VGS (OFF)
VDS=5V, ID=1µA
-2.5
V
Forward Transfer Admittance
|Yfs|
VDS=5V, VGS=0V, f=1kHz
15
25
mS
Input Capacitance
Ciss
VDS=5V, VGS=0V, f=1MHz
7.5
10
pF
Reverse Transfer Capacitance
Crss
VDG=5V, ID=0V, f=1MHz
2
3
pF
CLASSIFICATION OF IDSS
RANK
GR
BL
V
RANGE
6~12
10~20
16~32



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com